Electronic Components Datasheet Search
  English  ▼

X  

M4M Datasheet(PDF) 6 Page - ABB

Part # M4M
Description  Accurate electrical measuring and power monitoring.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

M4M Datasheet(HTML) 6 Page - ABB

Back Button M4M Datasheet HTML 2Page - ABB M4M Datasheet HTML 3Page - ABB M4M Datasheet HTML 4Page - ABB M4M Datasheet HTML 5Page - ABB M4M Datasheet HTML 6Page - ABB M4M Datasheet HTML 7Page - ABB M4M Datasheet HTML 8Page - ABB M4M Datasheet HTML 9Page - ABB M4M Datasheet HTML 10Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Communication protocol
Modbus RTU
M4M 20 Modbus, M4M 20 I/O, M4M 20
Rogowski
M4M 30 Modbus, M4M 30 I/O, M4M 30
Rogowski
Communication interface
RS485 with optical isolation
Baud rate
9.6, 19.2, 38.4, 57.6, 115.2 kbps
Parity number
Odd, Even, None
Stop bit
1, 2
Address
1-247
Connector
3 pole terminal
Profibus DP-V0
M4M 20 Profibus
M4M 30 Profibus
Protocol
Profibus with slave DP-V0 function in compliance with IEC 61158 regulations
Communication interface
RS485 with optical isolation
Baud rate
Automatic detection [9.6 - 12 Mbps]
Address
0-126
Connector
DB 9 female connector (do not use connectors with 90° cable outlet)
LED indicators
Green for communication status
Red for communication error
Modbus TCP/IP
M4M 20 Ethernet
M4M 30 Ethernet
Protocol
Modbus TCP/IP
Communication interface
RJ45
RJ45 (2 ports for daisy-chain)
BACnet
M4M 20 Bacnet
M4M 30 Bacnet
Protocol
BACnet/IP
Communication interface
RJ45
Bluetooth
Type
BLE (Bluetooth Low Energy)
Real-time clock
Clock drift
-
~ 0.4 seconds per day
Battery backup time
-
~ 3 years without control power
Standards
Power metering and monitoring devices (PMD)
IEC 61557-12 (IEC 62053-22, IEC 62053-23)
Electrical safety
IEC 61010-1
EMC
IEC 61326-1 (IEC 61000-3-2, IEC 61000-3-3, IEC 61000-4-2, IEC 61000-4-3, IEC 61000-4-
4, IEC 61000-4-5, IEC 61000-4-6, IEC 61000-4-8, IEC 61000-4-11)
7
T EC HNI C A L FE AT U R E S
M4M 20
M4M 30



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com