Electronic Components Datasheet Search
  English  ▼

X  

L6725TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6725TR
Description  Low cost adjustable step-down controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6725TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6725TR Datasheet HTML 12Page - STMicroelectronics L6725TR Datasheet HTML 13Page - STMicroelectronics L6725TR Datasheet HTML 14Page - STMicroelectronics L6725TR Datasheet HTML 15Page - STMicroelectronics L6725TR Datasheet HTML 16Page - STMicroelectronics L6725TR Datasheet HTML 17Page - STMicroelectronics L6725TR Datasheet HTML 18Page - STMicroelectronics L6725TR Datasheet HTML 19Page - STMicroelectronics L6725TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Application details
L6725
16/27
6
Application details
6.1
Inductor design
The inductance value is defined by a compromise between the transient response time, the
efficiency, the cost and the size. The inductor has to be calculated to sustain the output and the
input voltage variation to maintain the ripple current (∆IL) between 20% and 30% of the
maximum output current. The inductance value can be calculated with the following
relationship:
Where FSW is the switching frequency, VIN is the input voltage and VOUT is the output voltage.
Figure 10 shows the ripple current vs. the output voltage for different values of the inductor,
with VIN = 5V and VIN = 12V at a switching frequency of 500KHz.
Increasing the value of the inductance reduces the ripple current but, at the same time,
increases the converter response time to a load transient. If the compensation network is well
designed, during a load transient the device is able to set the duty cycle to 100% or to 0%.
When one of these conditions is reached, the response time is limited by the time required to
change the inductor current. During this time the output current is supplied by the output
capacitors. Minimizing the response time can minimize the output capacitor size.
Figure 10. Inductor current ripple.
Vin
Vout
I
Fsw
Vout
Vin
L
L
⋅
∆
⋅
−
≅
(2)
0
1
2
3
4
5
6
7
8
01
2
3
4
O UT P UT V O LT AG E (V )
V in = 5 V , L = 5 00n H
V in = 5 V , L = 1 .5 u H
V in = 1 2 V , L = 2 u H
V in = 1 2 V , L = 1 u H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com