Electronic Components Datasheet Search
  English  ▼

X  

L6725TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6725TR
Description  Low cost adjustable step-down controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6725TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6725TR Datasheet HTML 13Page - STMicroelectronics L6725TR Datasheet HTML 14Page - STMicroelectronics L6725TR Datasheet HTML 15Page - STMicroelectronics L6725TR Datasheet HTML 16Page - STMicroelectronics L6725TR Datasheet HTML 17Page - STMicroelectronics L6725TR Datasheet HTML 18Page - STMicroelectronics L6725TR Datasheet HTML 19Page - STMicroelectronics L6725TR Datasheet HTML 20Page - STMicroelectronics L6725TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
L6725
Application details
17/27
6.2
Output capacitors
The output capacitors are basic components for the fast transient response of the power
supply. For example, during a positive load transient, they supply the current to the load until
the converter reacts. The controller recognizes immediately the load transient and sets the duty
cycle at 100%, but the current slope is limited by the inductor value. The output voltage has a
first drop due to the current variation inside the capacitor (neglecting the effect of the ESL):
Moreover, there is an additional drop due to the effective capacitor discharge that is given by:
Where DMAX is the maximum duty cycle value that in the L6725 is 100%. Usually the voltage
drop due to the ESR is the biggest one while the drop due to the capacitor discharge is almost
negligible. Moreover the ESR value also affects the voltage static ripple, that is:
6.3
Input capacitors
The input capacitors have to sustain the RMS current flowing through them, that is:
Where D is the duty cycle. The equation reaches its maximum value, IOUT /2 with D = 0.5. The
losses in worst case are:
ESR
Iout
Vout
ESR
⋅
∆
=
∆
(3)
)
max
min
,
(
2
2
Vout
D
Vin
Cout
L
Iout
Vout
COUT
−
⋅
⋅
⋅
⋅
∆
=
∆
(4)
L
I
ESR
Vout
∆
⋅
=
∆
(5)
)
1
(
D
D
Iout
Irms
−
⋅
⋅
=
(6)
2
)
5
.
0
(
Iout
ESR
P
⋅
⋅
=
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com