Electronic Components Datasheet Search
  English  ▼

X  

L6725TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6725TR
Description  Low cost adjustable step-down controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6725TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6725TR Datasheet HTML 16Page - STMicroelectronics L6725TR Datasheet HTML 17Page - STMicroelectronics L6725TR Datasheet HTML 18Page - STMicroelectronics L6725TR Datasheet HTML 19Page - STMicroelectronics L6725TR Datasheet HTML 20Page - STMicroelectronics L6725TR Datasheet HTML 21Page - STMicroelectronics L6725TR Datasheet HTML 22Page - STMicroelectronics L6725TR Datasheet HTML 23Page - STMicroelectronics L6725TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
L6725 demoboard
L6725
20/27
7
L6725 demoboard
7.1
Description
L6725
demoboard realizes in a four layer PCB a step-down DC/DC converter and shows the
operation of the device in a general purpose application. The input voltage can range from 4.5V
to 14V and the output voltage is at 3.3V. The module can deliver an output current in excess of
20A. The switching frequency is set at 250 KHz (controller free-running FSW) but it can be set
to 500KHz acting on the EAREF pin.
Figure 13. Demoboard schematic
Table 5.
Demoboard part list
Reference
Value
Manufacturer
Package
Supplier
R1
1k
Ω
Neohm
SMD 0603
IFARCAD
R2
1k
Ω
Neohm
SMD 0603
IFARCAD
R3
4K7
R4
2k7
Neohm
SMD 0603
IFARCAD
R5
0
Ω
Neohm
SMD 0603
IFARCAD
R6
N.C.
Neohm
SMD 0603
IFARCAD
R7
2K
Neohm
SMD 0603
IFARCAD
R8
10
Ω
Neohm
SMD 0603
IFARCAD
R9
1K5
Neohm
SMD 0603
IFARCAD
R10
2.2
Ω
Neohm
SMD 0603
IFARCAD
GOUT
R2
GIN
L1
Q1-3
Q4-6
D3
5
U1
L6725
VIN
VOUT
8
OCH
C11
R9
C9
9
10
6
7
HGATE
PHASE
LGATE
PGND
3
VCC
12
VCC
2
SS
C4
BOOT
D1
11
VCCDR
C10
1
VFB
COMP
R3
R1
C1
C2
C3
R4
R7
4
EAREF
C7
R8
16
15
GND
OCL
R10
R11
C12-C13
C16-C19
C5
R6
R5
C8
J1
R12
C15
EXTREF
J2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com