Electronic Components Datasheet Search
  English  ▼

X  

UE48-3OS2D2 Datasheet(PDF) 87 Page - SICK AG

Part # UE48-3OS2D2
Description  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UE48-3OS2D2 Datasheet(HTML) 87 Page - SICK AG

Back Button UE48-3OS2D2 Datasheet HTML 83Page - SICK AG UE48-3OS2D2 Datasheet HTML 84Page - SICK AG UE48-3OS2D2 Datasheet HTML 85Page - SICK AG UE48-3OS2D2 Datasheet HTML 86Page - SICK AG UE48-3OS2D2 Datasheet HTML 87Page - SICK AG UE48-3OS2D2 Datasheet HTML 88Page - SICK AG UE48-3OS2D2 Datasheet HTML 89Page - SICK AG UE48-3OS2D2 Datasheet HTML 90Page - SICK AG UE48-3OS2D2 Datasheet HTML 91Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Contact expansions
8 7
ue11-4dX
detailed technical data
General data
Safety-related parameters
Safety integrity level SIL3 (IEC 61508) 1)
SILCL3 (EN 62061) 1)
Category Category 4 (EN ISO 13849) 1)
Performance level PL d (EN ISO 13849) 1)
B
10d parameter
1 x 106 switching cycles (AC-15, 230 V, I = 0.5 A)
3.5 x 105 switching cycles (DC-13, 24 V, I = 2 A)
1.2 x 106 switching cycles (DC-13, 24 V, I = 0.5 A)
PFHd (mean probability of a
dangerous failure per hour)
2.0 x 10-7 (EN ISO 13849)
T
M (mission time)
4 years (EN ISO 13849)
1)
If the feedback current path Y1 - Y2 (external device monitoring) is monitored using an appropriate main unit.
Electrical data
General electrical data
Voltage supply
A1, A2
Output circuit > 25 V AC / 60 V DC PELV
Output circuit ≤ 25 V AC / 60 V DC PELV or SELV
Supply voltage
A1, A2
24 V DC (20.4 V DC ... 26.4 V DC)
Power consumption
1 W (DC)
residual ripple
≤ 2.4 V
pp
1)
1)
In DC operation, within the limits of Vs.
Electrical output circuits: 17/18, 27/28, 37/38, 47/48, 55/56, 65/66, Y1/Y2
ue11-
4dX2d30 5
ue11-
4dX2d31
ue11-
4dX2d32
ue11-
4dX2d33
ue11-
4dX3d30 5
ue11-
4dX3d31
ue11-
4dX3d32
ue11-
4dX3d33
off-delay time
0.5 s
1 s
2 s
3 s
0.5 s
1 s
2 s
3 s
number of enable current (n/o) contacts
4, relevant for safety
number of signalling current (n/c) contacts
2, not safety-relevant
number of contactor monitoring (n/c) contacts
1, external device monitoring
contact type
Positively driven
contact material
Silver alloy, gold flashed
Switching voltage
Enable current contact
10 V AC ... 230 V AC / 10 V DC ... 300 V DC
Signalling current contact
10 V AC ... 230 V AC / 10 V DC ... 300 V DC
Contactor monitoring contact
10 V DC ... 24 V DC
Switching current
Enable current contact
10 mA ... 6 A
Signalling current contact
10 mA ... 2 A
Contactor monitoring contact
10 mA ... 100 mA
Total current
≤ 12 A
usage category
AC-15/DC-13
Table continued g p. 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com