Electronic Components Datasheet Search
  English  ▼

X  

UE48-3OS2D2 Datasheet(PDF) 39 Page - SICK AG

Part # UE48-3OS2D2
Description  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UE48-3OS2D2 Datasheet(HTML) 39 Page - SICK AG

Back Button UE48-3OS2D2 Datasheet HTML 35Page - SICK AG UE48-3OS2D2 Datasheet HTML 36Page - SICK AG UE48-3OS2D2 Datasheet HTML 37Page - SICK AG UE48-3OS2D2 Datasheet HTML 38Page - SICK AG UE48-3OS2D2 Datasheet HTML 39Page - SICK AG UE48-3OS2D2 Datasheet HTML 40Page - SICK AG UE48-3OS2D2 Datasheet HTML 41Page - SICK AG UE48-3OS2D2 Datasheet HTML 42Page - SICK AG UE48-3OS2D2 Datasheet HTML 43Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
3 9
ue43-2mf
detailed technical data
General data
Safety-related parameters
Safety integrity level SIL3 (IEC 61508)
SILCL3 (EN 62061)
Category Category 4 (EN ISO 13849)
Performance level PL e (EN ISO 13849)
B
10d parameter
1.26 x 106 switching cycles (AC-15, 230 V, I = 1.5 A)
5.9 x 106 switching cycles (AC-15, 230 V, I = 0.75 A)
4.35 x 105 switching cycles (DC-13, 24 V, I = 2.5 A)
1 x 107 switching cycles (DC-13, 24 V, I = 0.63 A)
PFHd (mean probability of a dangerous failure
per hour)
3.0 x 10-8 (EN ISO 13849)
T
M (mission time)
20 years (EN ISO 13849)
Stop category
0 (EN 60204-1)
Electrical data
General electrical data
Voltage supply
A1, A2
Output circuit > 25 V AC / 60 V DC PELV
Output circuit ≤ 25 V AC / 60 V DC PELV or SELV
Supply voltage
A1, A2
24 V AC/DC (20.4 V AC/DC ... 26.4 V AC/DC)
Power consumption
≤ 4.6 VA (AC)
≤ 2.6 W (DC)
residual ripple
≤ 2.4 V
pp
1)
1)
In DC operation, within the limits of Vs.
Control voltage: S33/S11, S21
control voltage
22 V DC
control current
40 mA ... 100 mA
Short-circuit current
≤ 2 A, between S33 / S11 and S21
fuse
PTC resistor
Input circuits: S12, S31, S22, S34, S35
Input current
S12, S31/S22 40 mA ... 100 mA
S34/S35 5 mA ... 50 mA
reset time
Manual ≤ 40 ms
Automatic ≤ 500 ms
activation time of reset button
≥ 50 ms
Synchronous time monitoring
≤ 500 ms
cable resistance
≤ 35 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com