Electronic Components Datasheet Search
  English  ▼

X  

UE48-3OS2D2 Datasheet(PDF) 74 Page - SICK AG

Part # UE48-3OS2D2
Description  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UE48-3OS2D2 Datasheet(HTML) 74 Page - SICK AG

Back Button UE48-3OS2D2 Datasheet HTML 70Page - SICK AG UE48-3OS2D2 Datasheet HTML 71Page - SICK AG UE48-3OS2D2 Datasheet HTML 72Page - SICK AG UE48-3OS2D2 Datasheet HTML 73Page - SICK AG UE48-3OS2D2 Datasheet HTML 74Page - SICK AG UE48-3OS2D2 Datasheet HTML 75Page - SICK AG UE48-3OS2D2 Datasheet HTML 76Page - SICK AG UE48-3OS2D2 Datasheet HTML 77Page - SICK AG UE48-3OS2D2 Datasheet HTML 78Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for safety sensors
7 4
ue48-2oS
Internal circuitry
Function
After applying the supply voltage (LED SUPPLY illuminates), the
normally open contacts remain open. If the connected sensor is
not activated or the protective field of the connected electro-
sensitive protective equipment (ESPE) is not broken (i.e., the in-
put circuits are closed), then the normally open contacts close
immediately in automatic reset; LEDs K1 and K2 illuminate. In
the case of manual resetting, this only occurs after pressing
and releasing the reset button. The activation of the sensor
or incursion into the protective field of the non-contact safety
device (open state of one of the two input circuits) affects the
opening of the normally open contacts (LED K1 and K2 off).
External device monitoring (EDM)
The unit can take over external device monitoring. The contac-
tor monitoring system monitors the external relays by way of
their normally closed contacts.
Manual reset
For manual reset, a pushbutton must be connected to termi-
nals S33 - S34. This reset is monitored.
Automatic reset
For ESPE’s: S33 - S35 must be linked; for applications with
potential free contacts on the input circuit, S12 - S35 must be
linked.
Cross-circuit detection
Cross-circuit is detected on dual-channel wired systems, if
these are wired with opposing polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com