Electronic Components Datasheet Search
  English  ▼

X  

6024913 Datasheet(PDF) 37 Page - SICK AG

Part # 6024913
Description  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6024913 Datasheet(HTML) 37 Page - SICK AG

Back Button 6024913 Datasheet HTML 33Page - SICK AG 6024913 Datasheet HTML 34Page - SICK AG 6024913 Datasheet HTML 35Page - SICK AG 6024913 Datasheet HTML 36Page - SICK AG 6024913 Datasheet HTML 37Page - SICK AG 6024913 Datasheet HTML 38Page - SICK AG 6024913 Datasheet HTML 39Page - SICK AG 6024913 Datasheet HTML 40Page - SICK AG 6024913 Datasheet HTML 41Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
3 7
ue42-2Hd
connection diagrams
Two-hand control with UE42-2HD safety relay, dual-channel system
+ 24 V
0 V
S 2
k 1
K 1
K 2
k 2
S 1
UE 42-2 HD
Y12 S14 Y22 Y24 A1 13 23 31
Y11 Y21 Y1 Y2 A2 14 24 32
Operating mode: with automatic start and external device monitoring (EDM)
Two safety switches connected to UE42-2HD safety relay, dual-channel system
+ 24 V
0 V
k 1
K 1
K 2
k 2
UE 42-2 HD
Y12 S14 Y22 Y24 A1 13 23 31
Y11 Y21 Y1 Y2 A2 14 24 32
Operating mode: with automatic start and external device monitoring (EDM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com