Electronic Components Datasheet Search
  English  ▼

X  

6024913 Datasheet(PDF) 42 Page - SICK AG

Part # 6024913
Description  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6024913 Datasheet(HTML) 42 Page - SICK AG

Back Button 6024913 Datasheet HTML 38Page - SICK AG 6024913 Datasheet HTML 39Page - SICK AG 6024913 Datasheet HTML 40Page - SICK AG 6024913 Datasheet HTML 41Page - SICK AG 6024913 Datasheet HTML 42Page - SICK AG 6024913 Datasheet HTML 43Page - SICK AG 6024913 Datasheet HTML 44Page - SICK AG 6024913 Datasheet HTML 45Page - SICK AG 6024913 Datasheet HTML 46Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
4 2
ue43-2mf
Internal circuitry
-- +
K2
--
+
+
K1
+
+
A1 A2
S21 S11 S33
S22 14 24
32
K1
K2
Control-
Logic
S34
S35
S12
S31
13 23 31
Function
After applying the supply voltage (LED SUPPLY illuminates),
the normally open contacts remain in the opened state. If the
connected sensor is not activated (i.e., the input circuits are
closed), then the normally open contacts close immediately
in automatic reset (LED K1 and K2 illuminate). In the case of
manual reset, this only occurs after pressing and releasing the
reset button. Activation of the sensor (opening of one or both
input circuits) affects the opening of the normally open outputs
(LED K1 and K2 off).
External device monitoring (EDM)
The UE43-2MF unit can take over the function of external de-
vice monitoring. The contactor monitoring system monitors the
external relays by means of their normally closed contacts.
Manual reset
For manual reset, a pushbutton must be connected to termi-
nals S33 - S34. Reset is monitored.
Automatic reset
For automatic reset, S12 - S35 must be linked.
Cross-circuit detection
Cross-circuit is detected on dual-channel wired systems if these
are wired with opposing polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com