| Electronic Components Datasheet Search |
|
6024913 Datasheet(PDF) 48 Page - SICK AG |
|
|
|||||||||||||||||||||||||||||
6024913 Datasheet(HTML) 48 Page - SICK AG |
|
48 / 92 page ![]() A B C D E F H I J K L M N O P Q R S T S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K 8015528/2012-12-17 Subject to change without notice Safety relays Evaluation units for switching contacts 4 8 ue43-3mf Internal circuitry + + -- + + + + -- Y13 Y14 Y12 Y12 Y31 13 23 33 41 A1 A2 K1 K2 K3 Y11 Y21 Y22 14 24 34 42 42 K2 K3 Function After applying the supply voltage (LED SUPPLY illuminates), the normally open contacts remain open. If the connected sensor is not activated (i.e. the input circuits are closed), the normally open contacts close immediately in automatic reset (LED K2 and K3 illuminate). In the case of manual resetting, this only occurs upon pressing and releasing the reset button. Activation of the sensor (opening of one or both input circuits) affects the opening of the normally open contacts (LED K2 and K3 off). External device monitoring (EDM) The UE43-3MF unit can take over the external device monitor- ing. The contactor monitoring system monitors the external relays by way of their normally closed contacts. Manual reset For manual reset, a pushbutton must be connected to termi- nals Y12 and Y13. Reset is monitored. Automatic reset For automatic reset, Y12 - Y14 must be linked. Cross-circuit detection Cross-circuit is detected on dual-channel wired systems, if these are wired with opposing polarity. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |