Electronic Components Datasheet Search
  English  ▼

X  

CTV01R Datasheet(PDF) 7 Page - Amphenol Corporation

Part # CTV01R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV01R Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button CTV01R Datasheet HTML 3Page - Amphenol Corporation CTV01R Datasheet HTML 4Page - Amphenol Corporation CTV01R Datasheet HTML 5Page - Amphenol Corporation CTV01R Datasheet HTML 6Page - Amphenol Corporation CTV01R Datasheet HTML 7Page - Amphenol Corporation CTV01R Datasheet HTML 8Page - Amphenol Corporation CTV01R Datasheet HTML 9Page - Amphenol Corporation CTV01R Datasheet HTML 10Page - Amphenol Corporation CTV01R Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
5
Suggested Oper. Voltage
Service
(Sea Level)
Test Voltage
Test Voltage
Test Voltage
Test Voltage
Rating
AC (RMS)
DC
(Sea Level)
50,000 Ft.
70,000 Ft.
110,000 Ft.
22D
.0345 ± .0010
.141
.036
.094
20
.047 ± .001
.209
.044
.125
16
.067 ± .001
.209
.078
.141
12
.100 ± .002
.209
.116
.141
10 (Power)
.137 ± .002
.355
NA
NA
8
.181 ± .002
.490
NA
NA
4
.281 ± .002
.490
NA
NA
0
.453 ± .002
.585
NA
NA
Test Current (Amps)
Maximum
Maximum
Contact
Millivolt Drop MIllivolt Drop
Size
Crimp
Hermetic
Crimp*
Hermetic*
22D
5
3
73
85
20
7.5
5
55
60
16
13
10
49
85
12
23
17
42
85
10 (Power)
33
NA
33
NA
8 (Power)
46
NA
26
NA
480
NA
23
NA
0
150
NA
21
NA
CONTACT RATING
+ .004
– .000
+ .004
– .000
+ .004
– .002
+ .004
– .002
M
400
550
1300 VRMS
550 VRMS
350 VRMS
200 VRMS
N
300
450
1000 VRMS
400 VRMS
260 VRMS
200 VRMS
I
600
850
1800 VRMS
600 VRMS
400 VRMS
200 VRMS
II
900
1250
2300 VRMS
800 VRMS
500 VRMS
200 VRMS
SERVICE RATING
FINISH DATA
Non-Hermetic Shell Components
Service Class
Finish
Military
Proprietary
Anodic Coating (Non-Conductive)
C
RX**
F (Metal)
M (Composite)
W (Metal)
J (Composite)
Stainless Steel with Nickel Plate
S
RS
Stainless Steel
K
RK
Stainless Steel
Y
Y
Stainless Steel with Nickel Plate
N
YN
Hermetic Shell Components
Service Class
Material / Finish
Military
Proprietary
* When using silver plated wire.
Crimp Well Data
Hermetic Data
Contact
Nominal
Min. Well
Size
Well Diameter
Well Depth
Well Diameter
Depth
Tri-Start
specifications
** Add Suffix (005) to part number.
Olive Drab Cadmium Plate Nickel Base
RF
RW
Electroless Nickel
Please note that the establishment of electrical safety factors is left entirely in the designer’s hands, since he is in the best position to know what peak voltage,
switching surges, transients,etc. can be expected in a particular circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com