Electronic Components Datasheet Search
  English  ▼

X  

CTV01R Datasheet(PDF) 9 Page - Amphenol Corporation

Part # CTV01R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV01R Datasheet(HTML) 9 Page - Amphenol Corporation

Back Button CTV01R Datasheet HTML 5Page - Amphenol Corporation CTV01R Datasheet HTML 6Page - Amphenol Corporation CTV01R Datasheet HTML 7Page - Amphenol Corporation CTV01R Datasheet HTML 8Page - Amphenol Corporation CTV01R Datasheet HTML 9Page - Amphenol Corporation CTV01R Datasheet HTML 10Page - Amphenol Corporation CTV01R Datasheet HTML 11Page - Amphenol Corporation CTV01R Datasheet HTML 12Page - Amphenol Corporation CTV01R Datasheet HTML 13Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
7
Tri-Start and Specials
insert availability and identification
Contact Size
Shell
Military
Service
Total
22D
20
16
12
12
10
8
8††
Size/Arrg.
Shell
Crimp
Hermetics*
Rating
Contacts
(Coax)
(Power)
(Coax)
(Twinax)
23-35
H
X
P
M
100
100
23-53
H
X
P
I
53
53
23-54
■
H
✦
M53
40
9
4
23-55
H
✦
P
I
55
55
25-4
J
X
P
I
56
48
8
25-7
J
✦
Twinax
99
97
2
25-8
★
J
✦
Twinax
8
8
25-11***
J
✦
N11
2
9
25-17
■
J
✦
M42
36
6
25-19
★
J
X
P
I
19
19
25-20***
J
✦
N30
10
13
4
3
25-24
★
J
X
P
I
24
12
12
25-26
■
J
✦
I25
16
5
4
25-29
★
JX
I
29
29
25-35
J
X
P
M
128
128
25-37
★■
J
✦
I37
37
25-41
■
J
X
N/Inst.
41
22
3
11
2
3
25-43
J
✦
I43
23
20
25-46
J
✦
I46
40
4
2†
25-61
J
X
P
I
61
61
25-90
J
X
I
46
40
4
2
25-F4
■
J
✦
M/I
66
49
13
4
TRI-START ARRANGEMENTS, CONT.
Contact Size
Shell
Military
Service
Total
Comments
22D
20
16
12
8††
Size/Arrg.
Shell
Crimp
Hermetics*
Rating
Contacts
(Twinax)
9-2
A
X
I
2
formerly Pyle
2
15-4
D
X
II
4
formerly Pyle
4
15-25
D
X
M
25
formerly Pyle
22
3
17-20
E
X
M
20
formerly Pyle
16
4
21-12
G
X
I
12
formerly Pyle
3
9
21-21
G
X
M/Inst.
41
improved sealing
32
9
21-99
G
X
M
16
formerly Pyle
5
11
25-92
J
X
M
101
formerly Pyle
92
9
25-97
J
X
M
42
formerly Pyle
26
3
13
SPECIAL ARRANGEMENTS (Not Mil-Spec Qualified)
Contact Size
Shell
Service
Total
22D
20
8
4
0
Size/Arrg.
Crimp
Hermetics*
Rating
Contacts
25-16
X
M
8
6
2
25L-3
X
II
3
1
2
25L-7
X
II
7
7
33-3
X
II
3
1
2
33-5
X
II
5
5
33-6
X
II
6
2
4
37-5
X
II
4
4
SPECIAL ARRANGEMENTS (Not Mil-Spec Qualified)
(insert arrangements requiring non-standard shells or larger contacts)
X
Completely tooled.
•
Majority of tooling is completed (contact Amphenol
Aerospace for availabilty).
✦ Not tooled for 02-R.
P
Pin inserts only (contact Amphenol Aerospace for
socket availability).
★ Ground plane proprietary option available.
Arrangement 9-5 is exclusively ground plane type.
■ Not Mil-Qualified.
*
Hermetic inserts - solder termination standard.
(Contact Amphenol Aerospace for optional PCB or
eyelet termination).
**
Two size 16 contacts dedicated to fiber optics.
Consult Amphenol Aerospace catalog 12-352
for fiber optic information.
*** For use in MIL-STD-1760 applications (pgs. 31 & 32).
†
For RG 180/U and RG 195/U cables only.
†† Size 8 Coax and Twinax are interchangeable.
Note: 25L-3 and 25L-7 require longer shells.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com