Electronic Components Datasheet Search
  English  ▼

X  

CTV01R Datasheet(PDF) 17 Page - Amphenol Corporation

Part # CTV01R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV01R Datasheet(HTML) 17 Page - Amphenol Corporation

Back Button CTV01R Datasheet HTML 13Page - Amphenol Corporation CTV01R Datasheet HTML 14Page - Amphenol Corporation CTV01R Datasheet HTML 15Page - Amphenol Corporation CTV01R Datasheet HTML 16Page - Amphenol Corporation CTV01R Datasheet HTML 17Page - Amphenol Corporation CTV01R Datasheet HTML 18Page - Amphenol Corporation CTV01R Datasheet HTML 19Page - Amphenol Corporation CTV01R Datasheet HTML 20Page - Amphenol Corporation CTV01R Datasheet HTML 21Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
15
Special
insert arrangements requiring non-standard
shells or larger contacts
front face of pin inserts illustrated
Insert Arrangement
25-16
25L-3
25L-7
Service Rating
M
II
II
Number of Contacts
6
2
1
2
7
Contact Size
20
4
8
4
8
Insert Arrangement
33-3
33-5
33-6
Service Rating
II
II
II
Number of Contacts
1
2
5
2
4
Contact Size
4
0
4
8
4
CONTACT LEGEND
NOTE: Some specials shown here were formerly
known as Pyle arrangements. Consult Amphenol
for how to order information for connectors with
these inserts.
Consult Amphenol Aerospace for longer shell
drawings.
A
B
C
D
E
F
G
H
A
B
C
A
B
C
D
E
F
G
B
CA
A
B
C
D
E
A
B
C
D
E
F
A
B
C
D
8
4
0
22D
Insert Arrangement
37-5
Service Rating
II
Number of Contacts
4
Contact Size
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com