Electronic Components Datasheet Search
  English  ▼

X  

MIC2800 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2800
Description  Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2800 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2800 Datasheet HTML 9Page - Micrel Semiconductor MIC2800 Datasheet HTML 10Page - Micrel Semiconductor MIC2800 Datasheet HTML 11Page - Micrel Semiconductor MIC2800 Datasheet HTML 12Page - Micrel Semiconductor MIC2800 Datasheet HTML 13Page - Micrel Semiconductor MIC2800 Datasheet HTML 14Page - Micrel Semiconductor MIC2800 Datasheet HTML 15Page - Micrel Semiconductor MIC2800 Datasheet HTML 16Page - Micrel Semiconductor MIC2800 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Micrel, Inc.
MIC2800
June 2006
13
M9999-061406
(408) 955-1690
Functional Characteristics
LDO2 Load Transient Normal Mode
Time (4µs/div)
VIN = 3.6V
VOUT = 2.8V
COUT = 2.2µF
CBYP = 0.01µF
/LowQ = VIN
300mA
100µA
LDO2 Load Transient LowQ Mode
Time (200µs/div)
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 2.2µF
CBYP = 0.01µF
/LowQ = GND
50mA
100µA
LDO2 Line Transient Normal Mode
Time (20µs/div)
VIN = VOUT + 1V
VOUT = 1.87V
COUT = 2.2µF
CBYP = 0.01µF
/LowQ = VIN
IOUT = 100mA
4V
5.5V
LDO2 Line Transient LowQ Mode
Time (40µs/div)
VIN = VOUT + 1V
VOUT = 1.87V
COUT = 2.2µF
CBYP = 0.01µF
/LowQ = GND
IOUT = 10mA
4V
5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com