Electronic Components Datasheet Search
  English  ▼

X  

MIC2800 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2800
Description  Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2800 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2800 Datasheet HTML 1Page - Micrel Semiconductor MIC2800 Datasheet HTML 2Page - Micrel Semiconductor MIC2800 Datasheet HTML 3Page - Micrel Semiconductor MIC2800 Datasheet HTML 4Page - Micrel Semiconductor MIC2800 Datasheet HTML 5Page - Micrel Semiconductor MIC2800 Datasheet HTML 6Page - Micrel Semiconductor MIC2800 Datasheet HTML 7Page - Micrel Semiconductor MIC2800 Datasheet HTML 8Page - Micrel Semiconductor MIC2800 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Micrel, Inc.
MIC2800
June 2006
3
M9999-061406
(408) 955-1690
Pin Configuration
3mm x 3mm MLF
® (ML)
Fixed DC/DC Converter Output Voltage
Pin Description
Pin Number
Pin Name
Pin Function
1
_____
LOWQ
LOWQ Mode. Active Low Input. Logic High = Full Power Mode; Logic Low =
LOWQ Mode; Do not leave floating.
2
BIAS
Internal circuit bias supply. It must be de-coupled to signal ground with a 0.1µF
capacitor and should not be loaded.
3
SGND
Signal ground.
4
PGND
Power ground.
5
SW
Switch (Output): Internal power MOSFET output switches.
6
VIN
Supply Input – DC/DC. Must be tied to PIN7 externally.
7
VIN
Supply Input – LDO2. Must be tied to PIN6 externally.
8
LDO2
Output of regulator 2
9
FB
Feedback. Input to the error amplifier for DC to DC converter. adjust version, co
For fixed output voltages connect to VOUT and an internal resistor network sets the
output voltage
10
LDO
LDO Output: Connect to VOUT of the DC/DC for LOWQ mode operation.
11
LDO1
Output of regulator 1
12
POR
Power-On Reset Output: Open-drain output. Active low indicates an output
undervoltage condition on either one of the three regulated outputs.
13
CSET
Delay Set Input: Connect external capacitor to GND to set the internal delay for the
POR output. When left open, there is minimum delay. This pin cannot be grounded.
14
CBYP
Reference Bypass: Connect external 0.1µF to GND to reduce output noise. May be
left open.
15
EN1
Enable Input (DC/DC and LDO1). Active High Input. Logic High = On; Logic Low =
Off; Do not leave floating.
16
EN2
Enable Input (LDO 2). Active High Input. Logic High = On; Logic Low = Off; Do not
leave floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com