Electronic Components Datasheet Search
  English  ▼

X  

MIC2800 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2800
Description  Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2800 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2800 Datasheet HTML 1Page - Micrel Semiconductor MIC2800 Datasheet HTML 2Page - Micrel Semiconductor MIC2800 Datasheet HTML 3Page - Micrel Semiconductor MIC2800 Datasheet HTML 4Page - Micrel Semiconductor MIC2800 Datasheet HTML 5Page - Micrel Semiconductor MIC2800 Datasheet HTML 6Page - Micrel Semiconductor MIC2800 Datasheet HTML 7Page - Micrel Semiconductor MIC2800 Datasheet HTML 8Page - Micrel Semiconductor MIC2800 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Micrel, Inc.
MIC2800
June 2006
2
M9999-061406
(408) 955-1690
Ordering Information
Part number
Manufacturing
Part Number
Voltage
Junction
Temperature Range
Package
MIC2800-1.8/1.2/2.8YML
MIC2800-G4MYML
1.8V/1.2V/2.8V
–40°C to +125°C
16-Pin 3x3 MLF
®
MIC2800-1.87/1.2/2.8YML
MIC2800-D24MYML
1.87V/1.2V/2.8V
–40°C to +125°C
16-Pin 3x3 MLF
®
MIC2800-1.8/1.5/2.8YML
MIC2800-GFMYML
1.8V/1.5V/2.8V
–40°C to +125°C
16-Pin 3x3 MLF
®
MIC2800-Adj/1.2/3.3YML
MIC2800-A4SYML
Adj/1.2V/3.3V
–40°C to +125°C
16-Pin 3x3 MLF
®
Notes:
Other voltage options available. Please contact Micrel for details.
DC/DC – Fixed Output Voltages (Range of 1.0V to 2.0V). Adjustable output voltage is available upon request.
LDO1 – Output Voltage Range of 0.8V to VDC/DC - VDO.
LDO2 – Output Voltage Range of 0.8V to 3.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com