Electronic Components Datasheet Search
  English  ▼

X  

ADA10001 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # ADA10001
Description  Linear Amplifier MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ADA10001 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  ADA10001 Datasheet HTML 1Page - ANADIGICS, Inc ADA10001 Datasheet HTML 2Page - ANADIGICS, Inc ADA10001 Datasheet HTML 3Page - ANADIGICS, Inc ADA10001 Datasheet HTML 4Page - ANADIGICS, Inc ADA10001 Datasheet HTML 5Page - ANADIGICS, Inc ADA10001 Datasheet HTML 6Page - ANADIGICS, Inc ADA10001 Datasheet HTML 7Page - ANADIGICS, Inc ADA10001 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADA10001
Data Sheet - Rev 2.3
02/2005
4
Table 4: Electrical Specifications
(TA = +25 °C, VDD = + 8 VDC, Test System = 75
Ω
Ω
Ω
Ω
Ω )
Notes:
(1) 160 channels, +23 dBmV per channel (measured at output), 6 MHz channel spacing
(2) Two tones, -10 dBm per tone at input
(3) The device can be operated at VDD = +6 VDC for lower power dissipation. Refer to
the figures on page 5 for performance variation with supply voltage.
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
O
S
C
)
1
(
0
6-
-
c
B
d
B
T
C
)
1
(
5
6-
-
c
B
d
n
i
a
G4
15
1-
B
d
e
r
u
g
i
F
e
s
i
o
N-
0
.
25
.
3B
d
t
n
i
o
P
t
p
e
c
r
e
t
n
I
t
u
p
n
I
r
e
d
r
O
d
n
2
)
2
P
II
(
)
2
(
5
3
+8
3
+-
m
B
d
t
n
i
o
P
t
p
e
c
r
e
t
n
I
t
u
p
n
I
r
e
d
r
O
d
r
3
)
3
P
II
(
)
2
(
5
1
+8
1
+-
m
B
d
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T-
-
5
3
o
W
/
C
n
o
it
p
m
u
s
n
o
C
t
n
e
r
r
u
C
)
3
(
0
5-
0
5
1A
m
Figure 3: Test Circuit
1000 pF
RF OUT
3.9
mH
VDD
0.1mf
RF IN
2.7 pF
5.6 nH
1000 pF
1.5 pF
5
W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com