Electronic Components Datasheet Search
  English  ▼

X  

ADA10001 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # ADA10001
Description  Linear Amplifier MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ADA10001 Datasheet(HTML) 7 Page - ANADIGICS, Inc

  ADA10001 Datasheet HTML 1Page - ANADIGICS, Inc ADA10001 Datasheet HTML 2Page - ANADIGICS, Inc ADA10001 Datasheet HTML 3Page - ANADIGICS, Inc ADA10001 Datasheet HTML 4Page - ANADIGICS, Inc ADA10001 Datasheet HTML 5Page - ANADIGICS, Inc ADA10001 Datasheet HTML 6Page - ANADIGICS, Inc ADA10001 Datasheet HTML 7Page - ANADIGICS, Inc ADA10001 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADA10001
Data Sheet - Rev 2.3
02/2005
7
H
E
e
B 1
A
B
A 2
L
a
C
LE
0.003 [0.076mm]
A1
GAUGE PLANE
SEATING PLANE
D
0.015 [0.38]X45
a
L
e
E
A
D
B
L
S
O
Y
B
M
MILLIMETERS
INCHES
NOTE
MAX.
MIN.
MAX.
MIN.
H
LE
C
2
3
4
1
B
0.020
0.50
0.33
0.013
0.10
1.47
0.25
1.73
0.068
0.010
0.058
0.004
0.055
0.065
1.65
1.40
0.25
0.20
0.010
0.008
8
0
8
0
6.20
5.74
0.244
0.226
0.380
0.150
0.400
0.160
4.06
10.16
3.81
9.66
0.050 BSC
1.27 BSC
0.016
0.040
0.41
1.02
0.030
0.76
0.062
1.58
1.78
0.070
4. LEAD THICKNESS AFTER PLATING TO BE 0.013 [0.33mm]
MAXIMUM.
PER SIDE.
1. CONTROLLING DIMENSION: INCHES
2. DIMENSION "D" DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS
AND GATE BURRS SHALL NOT EXCEED 0.006 [0.15mm]
3. DIMENSION "E" DOES NOT INCLUDE INTER-LEAD FLASH OR
PROTRUSIONS. INTER-LEAD FLASH AND PROTRUSIONS
SHALL NOT EXCEED 0.010 [0.25mm] PER SIDE.
NOTES:
A2
A1
SPECIFICATION:
SUBJECT:
16 LEAD BATWING SOIC PKG.
PUBLISHED OUTLINE,
98000-006
PACKAGE OUTLINE
Figure 10: S3 Package Outline - Modified 16 Pin SOIC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com