Electronic Components Datasheet Search
  English  ▼

X  

ADA10001 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # ADA10001
Description  Linear Amplifier MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ADA10001 Datasheet(HTML) 6 Page - ANADIGICS, Inc

  ADA10001 Datasheet HTML 1Page - ANADIGICS, Inc ADA10001 Datasheet HTML 2Page - ANADIGICS, Inc ADA10001 Datasheet HTML 3Page - ANADIGICS, Inc ADA10001 Datasheet HTML 4Page - ANADIGICS, Inc ADA10001 Datasheet HTML 5Page - ANADIGICS, Inc ADA10001 Datasheet HTML 6Page - ANADIGICS, Inc ADA10001 Datasheet HTML 7Page - ANADIGICS, Inc ADA10001 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADA10001
Data Sheet - Rev 2.3
02/2005
6
5
2
1
.5
.2
0
.2
.5
1
2
5
5
-.2
-.5
-1
-2
-5
1:
0.050 GHz
79.76
W
- 4.79
jW
2:
0.20 GHz
77.88
W
- 13.21 j
W
3:
0.40 GHz
70.02 W
- 21.83 jW
4:
0.6 GHz
59.63
W
- 26.56 j
W
5 :
0.8 GHz
49.91
W
- 26.56 j
W
6:
1.0 GHz
41.77 W
- 25.15 j
W
START: 0.050 GHz
STOP: 1.00 GHz
1
Measured in 75
W System
2
6
3
4
5
5
2
1
.5
.2
0
.2
.5
1
2
5
5
-.2
-.5
-1
-2
-5
1:
0.050 GHz
83.9
W
- 8.1 j
W
2:
0.20 GHz
84.17
W
- 1.19 j
W
3:
0.40 GHz
85.38 W
- 2.27 j
W
4:
0.6 GHz
87.64 W
- 3.82 j
W
5 :
0.8 GHz
90.20 W
- 6.60 j
W
6:
1.0 GHz
93.57 W
- 11.76 j
W
START: 0.050 GHz
STOP:
1.00 GHz
1
6
Measured in 75
W System
Figure 8: Input Impedance
Figure 9: Output Impedance
15
16
17
18
19
20
21
22
23
24
25
26
0
2
4
6
8
10
12
Input Power (dBm)
TA = 25
oC, VDD = +8V, RF = 500 MHz
Figure 7: Output Power vs. Input Power



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com