Electronic Components Datasheet Search
  English  ▼

X  

ARA2005 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ARA2005
Description  Reverse Amplifier with Step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2005 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ARA2005 Datasheet HTML 1Page - ANADIGICS, Inc ARA2005 Datasheet HTML 2Page - ANADIGICS, Inc ARA2005 Datasheet HTML 3Page - ANADIGICS, Inc ARA2005 Datasheet HTML 4Page - ANADIGICS, Inc ARA2005 Datasheet HTML 5Page - ANADIGICS, Inc ARA2005 Datasheet HTML 6Page - ANADIGICS, Inc ARA2005 Datasheet HTML 7Page - ANADIGICS, Inc ARA2005 Datasheet HTML 8Page - ANADIGICS, Inc ARA2005 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PRELIMINARY DATA SHEET - Rev 1.3
08/2001
3
ARA2005
Table 1: Pin Description
Notes:
(1) Pins should be AC-coupled. No external DC bias should be applied.
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
1D
N
Gd
n
u
o
r
G5
1B
d
8ti
B
l
o
rt
n
o
C
n
o
it
a
u
n
e
tt
A
B
d
8
2V
N
T
T
A
r
o
t
a
u
n
e
tt
A
r
o
f
y
l
p
p
u
S6
1B
d
4ti
B
l
o
rt
n
o
C
n
o
it
a
u
n
e
tt
A
B
d
4
3T
T
A
N
I
)
+
()
+
(
t
u
p
n
I
r
o
t
a
u
n
e
tt
A
)
1
(
7
1T
T
A
T
U
O
)-
(t
u
p
t
u
O
)-
(
r
o
t
a
u
n
e
tt
A
)
1
(
41
A
T
U
O
)
+
(t
u
p
t
u
O
)
+
(
1
A
r
e
if
il
p
m
A8
12
A
N
I
)-
(t
u
p
n
I
)-
(
2
A
r
e
if
il
p
m
A
)
1
(
5D
N
Gd
n
u
o
r
G9
1D
N
Gd
n
u
o
r
G
61
A
N
I
)
+
(t
u
p
n
I
)
+
(
1
A
r
e
if
il
p
m
A
)
1
(
0
22
A
T
U
O
)-
(t
u
p
t
u
O
)-
(
2
A
r
e
if
il
p
m
A
71
g
Vl
o
rt
n
o
C
)-
/
+
(
1
A
r
e
if
il
p
m
A1
2I
2
T
E
S
t
n
e
rr
u
C
)-
/
+
(
2
A
r
e
if
il
p
m
A
t
s
u
j
d
A
8I
1
T
E
S
t
n
e
rr
u
C
)-
/
+
(
1
A
r
e
if
il
p
m
A
t
s
u
j
d
A
2
22
g
Vl
o
rt
n
o
C
)-
/
+
(
2
A
r
e
if
il
p
m
A
91
A
N
I
)-
(t
u
p
n
I
)-
(
1
A
r
e
if
il
p
m
A
)
1
(
3
22
A
T
U
O
)
+
(t
u
p
t
u
O
)
+
(
2
A
r
e
if
il
p
m
A
0
1D
N
Gd
n
u
o
r
G4
2D
N
Gd
n
u
o
r
G
1
11
A
T
U
O
)-
(t
u
p
t
u
O
)-
(
1
A
r
e
if
il
p
m
A5
22
A
N
I
)
+
(t
u
p
n
I
)
+
(
2
A
r
e
if
il
p
m
A
)
1
(
2
1T
T
A
N
I
)-
()-
(
t
u
p
n
I
r
o
t
a
u
n
e
tt
A
)
1
(
6
2T
T
A
T
U
O
)
+
(t
u
p
t
u
O
)
+
(
r
o
t
a
u
n
e
tt
A
)
1
(
3
1B
d
2
3ti
B
l
o
rt
n
o
C
n
o
it
a
u
n
e
tt
A
B
d
2
37
2D
N
Gd
n
u
o
r
G
4
1B
d
6
1ti
B
l
o
rt
n
o
C
n
o
it
a
u
n
e
tt
A
B
d
6
18
2D
N
Gd
n
u
o
r
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com