Electronic Components Datasheet Search
  English  ▼

X  

ARA2005 Datasheet(PDF) 11 Page - ANADIGICS, Inc

Part # ARA2005
Description  Reverse Amplifier with Step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2005 Datasheet(HTML) 11 Page - ANADIGICS, Inc

Back Button ARA2005 Datasheet HTML 7Page - ANADIGICS, Inc ARA2005 Datasheet HTML 8Page - ANADIGICS, Inc ARA2005 Datasheet HTML 9Page - ANADIGICS, Inc ARA2005 Datasheet HTML 10Page - ANADIGICS, Inc ARA2005 Datasheet HTML 11Page - ANADIGICS, Inc ARA2005 Datasheet HTML 12Page - ANADIGICS, Inc ARA2005 Datasheet HTML 13Page - ANADIGICS, Inc ARA2005 Datasheet HTML 14Page - ANADIGICS, Inc ARA2005 Datasheet HTML 15Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PRELIMINARY DATA SHEET - Rev 1.3
08/2001
11
ARA2005
Figure 14: IIP2 & IIP3 vs Frequency
Figure 15: IIP2 & IIP3 vs VDD
20
24
28
32
36
40
5
1525
3545
5565
7585
95
Frequency (MHz)
4
6
8
10
12
14
IIP2
IIP3
Measured @ V DD = 5 Volts
Pin = -20 dBm per tone
20
24
28
32
36
40
34
5
6
7
VDD (Volts)
-5
-1
3
7
11
15
IIP2
IIP3
Measured @ 65 MHz
Two tones @ 29.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com