Electronic Components Datasheet Search
  English  ▼

X  

ARA2005 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # ARA2005
Description  Reverse Amplifier with Step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2005 Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button ARA2005 Datasheet HTML 4Page - ANADIGICS, Inc ARA2005 Datasheet HTML 5Page - ANADIGICS, Inc ARA2005 Datasheet HTML 6Page - ANADIGICS, Inc ARA2005 Datasheet HTML 7Page - ANADIGICS, Inc ARA2005 Datasheet HTML 8Page - ANADIGICS, Inc ARA2005 Datasheet HTML 9Page - ANADIGICS, Inc ARA2005 Datasheet HTML 10Page - ANADIGICS, Inc ARA2005 Datasheet HTML 11Page - ANADIGICS, Inc ARA2005 Datasheet HTML 12Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
PRELIMINARY DATA SHEET - Rev 1.3
08/2001
ARA2005
PERFORMANCE DATA
Figure 5: Gain & Noise Figure vs Frequency
Figure 6: Gain & Noise Figure vs VDD
5
10
15
20
25
30
35
10
30
50
70
90
Frequency (MHz)
2
3
4
5
6
7
8
Gain
Noise Figure
20
23
26
29
32
35
34567
VDD ( Volts )
1
2
3
4
5
6
Gain
Noise Figure
Measured @ 30 MHz
Figure 7: Gain & Noise Figure vs Temperature
20
23
26
29
32
35
-40
-25
-10
5
20
35
50
65
80
Temperature (C
o)
1
2
3
4
5
6
Gain
Noise Figure
Measured @ 30 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com