Electronic Components Datasheet Search
  English  ▼

X  

AWL6950 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # AWL6950
Description  2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWL6950 Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button AWL6950 Datasheet HTML 4Page - ANADIGICS, Inc AWL6950 Datasheet HTML 5Page - ANADIGICS, Inc AWL6950 Datasheet HTML 6Page - ANADIGICS, Inc AWL6950 Datasheet HTML 7Page - ANADIGICS, Inc AWL6950 Datasheet HTML 8Page - ANADIGICS, Inc AWL6950 Datasheet HTML 9Page - ANADIGICS, Inc AWL6950 Datasheet HTML 10Page - ANADIGICS, Inc AWL6950 Datasheet HTML 11Page - ANADIGICS, Inc AWL6950 Datasheet HTML 12Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Data Sheet - Rev 2.2
04/2006
AWL6950
Table 8: Electrical Specifications - IEEE 802.11a
(TC = +25 °C, VCC 5G = +3.3 V, PAON 5G = +3.3 V, 64 QAM OFDM 54 Mbps)
Notes:
(1) EVM includes system noise floor of 1% (-40dB).
(2) Spectrum analyzer settings: RBW = 1 MHz; Span = 100 MHz.
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
y
c
n
e
u
q
e
r
F
g
n
i
t
a
r
e
p
O0
0
9
4-
0
0
9
5z
H
M
n
i
a
G
r
e
w
o
P
7
2
0
3
0
3
8
2
0
3
5
.
3
3
5
.
3
3
1
3
4
3
8
3
5
.
6
3
5
.
5
3
B
d
z
H
G
9
.
4
z
H
G
5
2
.
5
z
H
G
5
5
.
5
z
H
G
5
8
.
5
e
l
p
p
i
R
n
i
a
G-
± 5
.
0
± 0
.
2
B
dd
n
a
b
z
H
M
0
0
1
y
n
a
s
s
o
r
c
A
)
M
V
E
(
e
d
u
t
i
n
g
a
M
r
o
t
c
e
V
r
o
r
r
E
-
-
6
.
3
9
2
-
5
.
4
7
2
-
%
B
d
P
T
U
O
z
H
G
5
8
.
5
-
9
.
4
,
m
B
d
9
1
+
=
G
5
e
t
a
r
a
t
a
d
s
p
b
M
4
5
a
1
1
.
2
0
8
)
1
(
n
o
i
t
p
m
u
s
n
o
C
t
n
e
r
r
u
C-
5
1
20
5
2A
mP
T
U
O
m
B
d
9
1
+
=
G
5
s
c
i
n
o
m
r
a
H
o
f
2
o
f
3
-
-
0
4
-
0
5
-
4
3
-
3
4
-
c
B
dP
T
U
O
m
B
d
0
2
+
=
G
5
)
2
(
e
g
a
t
l
o
V
r
o
t
c
e
t
e
D
r
e
w
o
P0
1
90
7
0
15
2
2
1V
mP
T
U
O
m
B
d
9
1
+
=
G
5
e
g
n
a
R
e
g
a
t
l
o
V
r
o
t
c
e
t
e
D
r
e
w
o
P0
0
1-
5
2
2
1V
mP
<
5
-
T
U
O
m
B
d
0
2
+
<
G
5
e
g
n
a
R
B
d
r
o
t
c
e
t
e
D
r
e
w
o
P5
2-
-
B
dP
<
5
-
T
U
O
m
B
d
0
2
+
<
G
5
r
o
t
c
e
t
e
D
r
e
w
o
P
m
u
m
i
n
i
M-
-
5
-m
B
d
r
o
t
c
e
t
e
D
r
e
w
o
P
m
u
m
i
x
a
M0
2-
-
m
B
d
n
o
i
t
u
l
o
s
e
R
r
o
t
c
e
t
e
D0
1-
-
B
d
/
V
m
y
c
n
e
u
q
e
r
F
r
e
v
O
e
c
n
a
i
r
a
V
r
o
t
c
e
t
e
D-
1
.
17
.
4B
dz
H
G
5
8
.
5
-
0
9
.
4
d
a
o
L
t
u
p
t
u
O
r
o
t
c
e
t
e
D
r
e
w
o
P
e
c
n
a
d
e
p
m
I
2-
-
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com