Electronic Components Datasheet Search
  English  ▼

X  

AWL6950 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWL6950
Description  2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWL6950 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWL6950 Datasheet HTML 1Page - ANADIGICS, Inc AWL6950 Datasheet HTML 2Page - ANADIGICS, Inc AWL6950 Datasheet HTML 3Page - ANADIGICS, Inc AWL6950 Datasheet HTML 4Page - ANADIGICS, Inc AWL6950 Datasheet HTML 5Page - ANADIGICS, Inc AWL6950 Datasheet HTML 6Page - ANADIGICS, Inc AWL6950 Datasheet HTML 7Page - ANADIGICS, Inc AWL6950 Datasheet HTML 8Page - ANADIGICS, Inc AWL6950 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Data Sheet - Rev 2.2
04/2006
AWL6950
Table 1: Pin Description
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
1D
N
Gd
n
u
o
r
G
2F
R N
I
G
2
.
d
n
u
o
r
g
o
t
h
t
a
p
C
D
a
e
d
i
v
o
r
p
n
i
p
s
i
h
t
n
o
s
t
i
u
c
r
i
c
n
o
i
t
c
e
t
o
r
p
D
S
E
.
t
u
p
n
I
F
R
z
H
G
2
0
5
o
t
d
e
h
c
t
a
m
y
ll
a
n
r
e
t
n
i
s
i
F
R
.
n
i
p
s
i
h
t
o
t
e
g
a
t
l
o
v
C
D
g
n
i
y
l
p
p
a
d
i
o
v
A
Ω
C
A
d
n
a
t
n
e
c
a
j
d
a
g
n
i
s
u
e
d
i
u
g
e
v
a
w
r
a
n
a
l
p
o
c
s
a
s
e
c
a
r
t
F
R
e
t
u
o
R
.
e
g
a
t
s
t
u
p
n
i
e
h
t
o
t
d
e
l
p
u
o
c
.
s
n
i
p
d
n
u
o
r
g
3F
R N
I
G
5
0
5
o
t
d
e
h
c
t
a
m
y
ll
a
n
r
e
t
n
i
e
g
a
t
s
t
u
p
n
I
.
t
u
p
n
I
F
R
z
H
G
5
Ω
e
d
i
u
g
e
v
a
w
r
a
n
a
l
p
o
c
s
a
e
t
u
o
R
.
A
P
e
h
t
e
d
i
s
n
i
d
e
d
u
l
c
n
i
t
n
e
m
e
l
e
g
n
i
h
c
t
a
m
e
v
i
t
c
u
d
n
i
t
n
u
h
s
A
.
s
n
i
p
d
n
u
o
r
g
t
n
e
c
a
j
d
a
g
n
i
s
u
.
n
i
p
s
i
h
t
o
t
e
g
a
t
l
o
v
C
D
g
n
i
y
l
p
p
a
d
i
o
v
A
.
n
i
p
s
i
h
t
t
a
d
n
u
o
r
g
o
t
h
t
a
p
C
D
a
s
e
d
i
v
o
r
p
4D
N
Gd
n
u
o
r
G
5A
P
N
O
G
5
,
y
ll
a
n
i
m
o
N
.
A
P
e
h
t
f
o
l
o
r
t
n
o
c
f
f
o
/
n
o
r
o
f
s
i
e
s
u
d
e
d
n
e
m
m
o
c
e
r
e
h
T
.
l
o
r
t
n
o
C
f
f
O
/
n
O
z
H
G
5
o
t
r
e
i
f
il
p
m
a
t
e
s
o
t
d
e
s
u
e
b
d
l
u
o
h
s
V
3
.
3
+
;
f
f
o
y
l
e
t
e
l
p
m
o
c
r
e
i
f
il
p
m
a
n
r
u
t
ll
i
w
d
e
il
p
p
a
V
0
.
y
t
il
i
b
a
p
a
c
t
u
p
t
u
o
m
u
m
i
x
a
m
6D
N
Gd
n
u
o
r
G
7V C
C
G
5.
A
P
z
H
G
5
e
h
t
f
o
s
r
o
t
s
i
s
n
a
r
t
r
e
w
o
p
r
o
f
s
a
i
B
.
e
g
a
t
l
o
V
y
l
p
p
u
S
z
H
G
5
8T
E
D
T
U
O
G
5
r
e
w
o
ll
o
f
r
e
t
t
i
m
e
n
A
.
t
u
p
t
u
o
r
o
t
c
e
t
e
d
r
e
w
o
p
d
e
l
p
u
o
c
C
D
.
t
u
p
t
u
O
r
o
t
c
e
t
e
D
r
e
w
o
P
z
H
G
5
.
n
i
p
s
i
h
t
r
o
f
t
u
p
t
u
o
e
h
t
s
e
il
p
p
u
s
T
J
B
9D
N
Gd
n
u
o
r
G
0
1F
R
T
U
O
G
5
0
5
o
t
d
e
h
c
t
a
m
y
ll
a
n
r
e
t
n
i
e
g
a
t
s
t
u
p
t
u
O
.
t
u
p
t
u
O
F
R
z
H
G
5
Ω
r
a
n
a
l
p
o
c
s
a
e
t
u
o
R
.
d
e
d
u
l
c
n
i
t
n
e
m
e
l
e
g
n
i
h
c
t
a
m
e
v
i
t
c
u
d
n
i
t
n
u
h
s
A
.
s
n
i
p
d
n
u
o
r
g
t
n
e
c
a
j
d
a
g
n
i
s
u
e
d
i
u
g
e
v
a
w
o
t
e
g
a
t
l
o
v
C
D
g
n
i
y
l
p
p
a
d
i
o
v
A
.
n
i
p
s
i
h
t
t
a
d
n
u
o
r
g
o
t
h
t
a
p
C
D
a
s
e
d
i
v
o
r
p
A
P
e
h
t
e
d
i
s
n
i
.
n
i
p
s
i
h
t
1
1F
R
T
U
O
G
2
.
d
n
u
o
r
g
o
t
h
t
a
p
C
D
a
e
d
i
v
o
r
p
n
i
p
s
i
h
t
n
o
s
t
i
u
c
r
i
c
n
o
i
t
c
e
t
o
r
p
D
S
E
.
t
u
p
t
u
O
F
R
z
H
G
2
0
5
o
t
d
e
h
c
t
a
m
y
ll
a
n
r
e
t
n
i
s
i
F
R
.
n
i
p
s
i
h
t
o
t
e
g
a
t
l
o
v
C
D
g
n
i
y
l
p
p
a
d
i
o
v
A
Ω
C
A
d
n
a
t
n
e
c
a
j
d
a
g
n
i
s
u
e
d
i
u
g
e
v
a
w
r
a
n
a
l
p
o
c
s
a
s
e
c
a
r
t
F
R
e
t
u
o
R
.
e
g
a
t
s
t
u
p
n
i
e
h
t
o
t
d
e
l
p
u
o
c
.
s
n
i
p
d
n
u
o
r
g
2
1D
N
Gd
n
u
o
r
G
3
1T
E
D
T
U
O
G
2
r
e
w
o
ll
o
f
r
e
t
t
i
m
e
n
A
.
t
u
p
t
u
o
r
o
t
c
e
t
e
d
r
e
w
o
p
d
e
l
p
u
o
c
C
D
.
t
u
p
t
u
O
r
o
t
c
e
t
e
D
r
e
w
o
P
z
H
G
2
.
n
i
p
s
i
h
t
r
o
f
t
u
p
t
u
o
e
h
t
s
e
il
p
p
u
s
T
J
B
4
1V C
C
G
2.
A
P
z
H
G
2
e
h
t
f
o
s
r
o
t
s
i
s
n
a
r
t
r
e
w
o
p
r
o
f
s
a
i
B
.
y
l
p
p
u
S
r
e
w
o
P
z
H
G
2
5
1D
N
Gd
n
u
o
r
G
6
1A
P
N
O
G
2
,
y
ll
a
n
i
m
o
N
.
A
P
e
h
t
f
o
l
o
r
t
n
o
c
f
f
o
/
n
o
r
o
f
s
i
e
s
u
d
e
d
n
e
m
m
o
c
e
r
e
h
T
.
l
o
r
t
n
o
C
f
f
O
/
n
O
z
H
G
2
o
t
r
e
i
f
il
p
m
a
t
e
s
o
t
d
e
s
u
e
b
d
l
u
o
h
s
V
3
.
3
+
;
f
f
o
y
l
e
t
e
l
p
m
o
c
r
e
i
f
il
p
m
a
n
r
u
t
ll
i
w
d
e
il
p
p
a
V
0
.
y
t
il
i
b
a
p
a
c
t
u
p
t
u
o
m
u
m
i
x
a
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com