Electronic Components Datasheet Search
  English  ▼

X  

AWL6950 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWL6950
Description  2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWL6950 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWL6950 Datasheet HTML 1Page - ANADIGICS, Inc AWL6950 Datasheet HTML 2Page - ANADIGICS, Inc AWL6950 Datasheet HTML 3Page - ANADIGICS, Inc AWL6950 Datasheet HTML 4Page - ANADIGICS, Inc AWL6950 Datasheet HTML 5Page - ANADIGICS, Inc AWL6950 Datasheet HTML 6Page - ANADIGICS, Inc AWL6950 Datasheet HTML 7Page - ANADIGICS, Inc AWL6950 Datasheet HTML 8Page - ANADIGICS, Inc AWL6950 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
04/2006
AWL6950
2.4/5 GHz 802.11a/b/g
WLAN PowerAmplifier
Data Sheet - Rev 2.2
M21 Package
16 Pin 4 mm x 4 mm x 1.3 mm
Surface Mount Module
FEATURES
•
3.6 % EVM @ POUT = +19 dBm with IEEE 802.11a
64 QAM OFDM at 54 Mbps
•
2.7 % EVM @ POUT = +20 dBm with IEEE 802.11g
64 QAM OFDM at 54 Mbps
•
-35 dBr ACPR 1st Sidelobe, +22 dBm, with
802.11b CCK/DSSS Root Cosine Filtering, 1 Mbps
•
-55 dBr ACPR 2nd Sidelobe, +22 dBm, with
802.11b CCK/DSSS Root Cosine Filtering, 1 Mbps
•
32 dB of Linear Power Gain at 2.4 GHz
•
32 dB of Linear Power Gain at 5 GHz
•
Single +3.3 V Supply
•
Dual Temperature-Compensated Linear Power
Detectors
•
50
Ω - Matched RF Ports
•
Lead-free and RoHS Compliant
•
1 kV ESD Rating (HBM)
•
4 mm x 4 mm x 1.3 mm Surface Mount Module
APPLICATIONS
•
802.11a/b/g/n WLAN
Figure 1: Block Diagram and Pinout
PRODUCT DESCRIPTION
The ANADIGICS AWL6950 dual band power
amplifier is a high performance InGaP HBT power
amplifier
module
designed
for
transmit
applications in the 2.4-2.5 GHz and 4.9-5.9 GHz
bands. Matched to 50
Ω at all RF inputs and outputs,
the part requires no additional RF matching
components off-chip, making the AWL6950 the
world’s
simplest
dual
band
PA
module
implementation available. The PA exhibits
unparalleled linearity and efficiency for IEEE
802.11g, 802.11b, and 802.11a WLAN systems
under the toughest signal configurations within
these standards.
The power detectors are temperature compensated
on chip, enabling separate single-ended output
voltages for each band with excellent accuracy over
a wide range of operating temperatures. The PA is
biased by a single +3.3 V supply and consumes
ultra-low current in the OFF mode.
Bias Control
VCC
VPC
2.4 GHz
RFIN
2.4 GHz
RFOUT
Matching
Network
GND
2.4 GHz
Power Detector
Bias Control
VCC
VPC
5 GHz
RFIN
5 GHz
RFOUT
GND
5 GHz
Power Detector
Matching
Network
Matching
Network
Matching
Network
The AWL6950 is manufactured using advanced
InGaP HBT technology that offers state-of-the-art
reliability, temperature stability, and ruggedness.
AWL6950


Similar Part No. - AWL6950

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6951 ANADIGICS-AWL6951 Datasheet
973Kb / 22P
2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
AWL6951RM22P0 ANADIGICS-AWL6951RM22P0 Datasheet
973Kb / 22P
2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
AWL6951RM22P6 ANADIGICS-AWL6951RM22P6 Datasheet
973Kb / 22P
2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
AWL6951RM22P8 ANADIGICS-AWL6951RM22P8 Datasheet
973Kb / 22P
2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
More results

Similar Description - AWL6950

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
Rev 1.3
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Rev 1.3
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
RFSP5032 ANADIGICS-RFSP5032 Datasheet
168Kb / 12P
5 GHz 802.11a WLAN Power Amplifier
04/2006
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
5-GHz WLAN Power Amplifier for 802.11a
logo
ANADIGICS, Inc
AWL9966 ANADIGICS-AWL9966 Datasheet
579Kb / 18P
802.11a/b/g/n WLAN/Bluetooth FEIC
Rev 1.0
logo
Skyworks Solutions Inc.
SKY65152-11 SKYWORKS-SKY65152-11 Datasheet
206Kb / 14P
2.4-2.5 GHz WLAN Power Amplifier
logo
ANADIGICS, Inc
AWL6951 ANADIGICS-AWL6951 Datasheet
973Kb / 22P
2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Keysight Technologies
M9077A KEYSIGHT-M9077A Datasheet
2Mb / 13P
M9077A WLAN 802.11a/b/g/n/ac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com