Electronic Components Datasheet Search
  English  ▼

X  

AWT6167 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWT6167
Description  GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6167 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWT6167 Datasheet HTML 1Page - ANADIGICS, Inc AWT6167 Datasheet HTML 2Page - ANADIGICS, Inc AWT6167 Datasheet HTML 3Page - ANADIGICS, Inc AWT6167 Datasheet HTML 4Page - ANADIGICS, Inc AWT6167 Datasheet HTML 5Page - ANADIGICS, Inc AWT6167 Datasheet HTML 6Page - ANADIGICS, Inc AWT6167 Datasheet HTML 7Page - ANADIGICS, Inc AWT6167 Datasheet HTML 8Page - ANADIGICS, Inc AWT6167 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADVANCED PRODUCT INFORMATION - Rev 0.1
01/2005
AWT6167
3
Stresses in excess of the absolute ratings may cause
permanent damage. Functional operation is not implied under
these conditions. Exposure to absolute ratings for extended
periods of time may adversely affect reliability.
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Although protection circuitry has been designed into this device, proper precau-
tions should be taken to avoid exposure to electrostatic discharge (ESD) during
handling and mounting. Human body model HBM employed is resistance = 1500
Ω
Ω
Ω
Ω
Ω,
capacitance = 100 pF.
Table 3: ESD Ratings
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
V
(
e
g
a
t
l
o
V
y
l
p
p
u
S
T
T
A
B
)-
7
+V
F
R
(
r
e
w
o
P
t
u
p
n
I
F
R
N
I
)-
1
1m
B
d
V
(
s
e
g
a
t
l
o
V
l
o
r
t
n
o
C
P
M
A
R
)3
.
0
-8
.
1V
T
(
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
G
T
S
)5
5
-0
5
1C
°
Table 5: Control Logic Table
Table 4: Digital Inputs
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
V
(
e
g
a
tl
o
V
h
g
i
H
c
i
g
o
L
H
I
)2
.
1-
0
.
3V
V
(
e
g
a
tl
o
V
w
o
L
c
i
g
o
L
L
I
)-
-
5
.
0V
I
(
t
n
e
r
r
u
C
h
g
i
H
c
i
g
o
L
H
I
)-
-
0
3A
µ
I
(
t
n
e
r
r
u
C
w
o
L
c
i
g
o
L
L
I
)-
-
0
3A
µ
E
D
O
M
N
E
_
x
T
S
B
e
l
b
a
n
E
A
PH
G
I
HX
e
d
o
M
0
0
9
M
S
GH
G
I
HW
O
L
e
d
o
M
S
C
DH
G
I
HH
G
I
H
e
l
b
a
s
i
D
A
PW
O
LX
R
E
T
E
M
A
R
A
P
D
O
H
T
E
M
G
N
I
T
A
R
T
I
N
U
)
s
t
r
o
p
F
R
(
e
g
a
tl
o
v
d
l
o
h
s
e
r
h
T
D
S
EM
B
H5
.
2
>V
k
)
s
t
u
p
n
i
l
o
r
t
n
o
c
(
e
g
a
tl
o
v
d
l
o
h
s
e
r
h
T
D
S
EM
B
H5
.
2
>V
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com