Electronic Components Datasheet Search
  English  ▼

X  

AWT6167 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AWT6167
Description  GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6167 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AWT6167 Datasheet HTML 1Page - ANADIGICS, Inc AWT6167 Datasheet HTML 2Page - ANADIGICS, Inc AWT6167 Datasheet HTML 3Page - ANADIGICS, Inc AWT6167 Datasheet HTML 4Page - ANADIGICS, Inc AWT6167 Datasheet HTML 5Page - ANADIGICS, Inc AWT6167 Datasheet HTML 6Page - ANADIGICS, Inc AWT6167 Datasheet HTML 7Page - ANADIGICS, Inc AWT6167 Datasheet HTML 8Page - ANADIGICS, Inc AWT6167 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
ADVANCED PRODUCT INFORMATION - Rev 0.1
01/2005
AWT6167
Table 6: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is
guaranteed only over the conditions defined in the electrical specifications.
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
T
(
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C
C
)0
2
--
5
8C
°
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
T
T
A
B
)0
.
35
.
38
.
4V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
y
l
p
p
u
S
r
e
w
o
P-
1
0
1A
µ
V T
T
A
B
,
V
8
.
4
=
V
P
M
A
R
,
V
0
=
,
W
O
L
=
N
E
_
X
T
d
e
il
p
p
a
F
R
o
N
e
g
n
a
R
e
g
a
tl
o
V
l
o
r
t
n
o
C2
.
0-
6
.
1V
T
(
e
m
it
n
o
n
r
u
T
N
O
)-
-
1
µs
V
P
M
A
R
=
N
E
_
X
T
,
V
2
.
0
=
W
O
L
→
h
g
i
H
P NI
m
B
d
5
=
T
(
e
m
it
ff
o
n
r
u
T
F
F
O
)-
-
1
µs
V
P
M
A
R
=
N
E
_
X
T
,
V
2
.
0
=
H
G
I
H
→
W
O
L
P NI
m
B
d
5
=
T
(
e
m
i
T
e
s
i
R
E
S
I
R
)-
-
1
µs
P T
U
O
m
B
d
0
1
-
=
→P X
A
M
)
B
d
2
.
0
n
i
h
ti
w
(
T
(
e
m
i
T
ll
a
F
L
L
A
F
)-
-
1
µs
P T
U
O
P
=
X
A
M
→
m
B
d
0
1
-
)
B
d
2
.
0
n
i
h
ti
w
(
V
P
M
A
R
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I-
3
-
F
p
V
P
M
A
R
t
n
e
r
r
u
C
t
u
p
n
I-
-
0
1A
µ
e
l
c
y
C
y
t
u
D-
-
0
5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com