Electronic Components Datasheet Search
  English  ▼

X  

AWT6167 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # AWT6167
Description  GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6167 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button AWT6167 Datasheet HTML 2Page - ANADIGICS, Inc AWT6167 Datasheet HTML 3Page - ANADIGICS, Inc AWT6167 Datasheet HTML 4Page - ANADIGICS, Inc AWT6167 Datasheet HTML 5Page - ANADIGICS, Inc AWT6167 Datasheet HTML 6Page - ANADIGICS, Inc AWT6167 Datasheet HTML 7Page - ANADIGICS, Inc AWT6167 Datasheet HTML 8Page - ANADIGICS, Inc AWT6167 Datasheet HTML 9Page - ANADIGICS, Inc AWT6167 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
ADVANCED PRODUCT INFORMATION - Rev 0.1
01/2005
AWT6167
Table 8: Electrical Characteristics for DCS
(VBATT = 3.5 V, PIN = 3.0 dBm, Pulse Width =1154 µs, Duty 25%,
ZIN = ZOUT = 50
Ω, TC = 25 °C, VRAMP = 1.6 V, BS = HIGH, TX_EN = HIGH)
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
F
(
y
c
n
e
u
q
e
r
F
g
n
it
a
r
e
p
O
o
)0
1
7
1-
5
8
7
1z
H
M
r
e
w
o
P
t
u
p
n
I0
0
.
35
m
B
d
P
,r
e
w
o
P
t
u
p
t
u
O
X
A
M
2
33
3-
m
B
d
r
e
w
o
P
t
u
p
t
u
O
d
e
d
a
r
g
e
D0
31
3-
m
B
d
V
T
T
A
B
T
,
V
0
.
3
=
C
5
8
=
O
,
C
P N
I
m
B
d
0
=
P
@
E
A
P
X
A
M
-3
5-
%
z
H
M
5
8
7
1
o
t
0
1
7
1
=
q
e
r
F
1
n
o
it
a
l
o
s
I
d
r
a
w
r
o
F-
0
4
--
m
B
d
V
,
W
O
L
=
N
E
_
X
T
P
M
A
R
V
2
.
0
=
P N
I
,
m
B
d
5
=
2
n
o
it
a
l
o
s
I
d
r
a
w
r
o
F-
8
1
--
m
B
d
V
,
H
G
I
H
=
N
E
_
X
T
P
M
A
R
,
V
2
.
0
=
P N
I
m
B
d
5
=
s
c
i
n
o
m
r
a
H
o
f
2
F
*
n o n
(
,>
o
F
,
)
3
[
z
H
G
5
7
.
2
1
-
-
0
2
-
0
3
-
-
-
m
B
ds
l
e
v
e
l
r
e
w
o
p
t
u
p
t
u
o
ll
a
r
e
v
O
y
ti
li
b
a
t
S
P
,
s
e
s
a
h
P
ll
A
1
:
8
=
R
W
S
V
T
U
O
[
m
B
d
2
3
--
6
3
-m
B
dF T
U
O
z
H
G
1
<
--
0
3
-m
B
dF T
U
O
z
H
G
1
>
s
s
e
n
d
e
g
g
u
R-
-
1
:
0
1R
W
S
V
,
s
e
s
a
h
p
d
a
o
l
ll
A
P T
U
O
m
B
d
2
3
<
r
e
w
o
P
e
s
i
o
N
X
R-
6
8
--
m
B
d
F X
T
,
z
H
M
5
8
7
1
=
,
z
H
k
0
0
1
=
W
B
R
F X
R
,
z
H
M
0
8
8
1
o
t
5
0
8
1
=
P T
U
O
[
m
B
d
2
3
R
W
S
V
t
u
p
n
I-
1
:
5
.
1-
-
s
l
e
v
e
l
r
e
w
o
p
t
u
p
t
u
o
ll
a
r
e
v
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com