Electronic Components Datasheet Search
  English  ▼

X  

APA2020 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APA2020
Description  Stereo 2-W Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2020 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APA2020 Datasheet HTML 10Page - Anpec Electronics Coropration APA2020 Datasheet HTML 11Page - Anpec Electronics Coropration APA2020 Datasheet HTML 12Page - Anpec Electronics Coropration APA2020 Datasheet HTML 13Page - Anpec Electronics Coropration APA2020 Datasheet HTML 14Page - Anpec Electronics Coropration APA2020 Datasheet HTML 15Page - Anpec Electronics Coropration APA2020 Datasheet HTML 16Page - Anpec Electronics Coropration APA2020 Datasheet HTML 17Page - Anpec Electronics Coropration APA2020 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.8 - Nov., 2002
APA2020
www.anpec.com.tw
14
Typical Characteristics (Cont.)
Po - Output Power
Figure 29
f - Frequency
Figure 28
f - Frequency
Figure 30
f - Frequency
Figure 31
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
10m
1
20m
50m
100m 200m
500m
W
f=20KHz
f=1KHz
f=100Hz
V
DD=3.3V
A
V=2
R
L=4Ω
Ω
Ω
Ω
Ω
%
20
20k
50 100 200
500 1k
2k
5k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
P
O =0.05W
P
O =0.1W
P
O =0.15W
V
DD=3.3V
R
L=4Ω
Ω
Ω
Ω
Ω
%
20
20k
50 100 200
500 1k
2k
5k
Hz
A
V =5
A
V =10
A
V =1
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
V
DD=3.3V
P
O=100mW
R
L=8Ω
Ω
Ω
Ω
Ω
%
20
20k
50 100 200
500 1k
2k
5k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
P
O =25mW
P
O =50mW
P
O =100mW
V
DD=3.3V
R
L=8Ω
Ω
Ω
Ω
Ω
SE
SE
SE
SE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com