Electronic Components Datasheet Search
  English  ▼

X  

APA2020 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APA2020
Description  Stereo 2-W Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2020 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APA2020 Datasheet HTML 14Page - Anpec Electronics Coropration APA2020 Datasheet HTML 15Page - Anpec Electronics Coropration APA2020 Datasheet HTML 16Page - Anpec Electronics Coropration APA2020 Datasheet HTML 17Page - Anpec Electronics Coropration APA2020 Datasheet HTML 18Page - Anpec Electronics Coropration APA2020 Datasheet HTML 19Page - Anpec Electronics Coropration APA2020 Datasheet HTML 20Page - Anpec Electronics Coropration APA2020 Datasheet HTML 21Page - Anpec Electronics Coropration APA2020 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.8 - Nov., 2002
APA2020
www.anpec.com.tw
18
Typical Characteristics (Cont.)
f- Frequency
Figure 44
f- Frequency
Figure 45
V
DD - Supply Voltage - V
Figure 46
V
DD - Supply Voltage - V
Figure 47
dB
20
200k
50 100200 500 1k 2k
5k 10k20k 50k
Hz
-10
-0
-9
-8
-7
-6
-5
-4
-3
-2
-1
V
DD=3.3V
A
V=1 V/V
P
O=0.25W
Gain
Phase
dB
20
200k
50 100200 500 1k 2k
5k 10k20k 50k
Hz
-10
-0
-9
-8
-7
-6
-5
-4
-3
-2
-1
V
DD=5V
A
V=1 V/V
P
O=0.5W
Gain
Phase
0
0.5
1
1.5
2
2.5
3
2.533.5
4
4.555.5
6
THD +N = 1%
BTL
R
L=3 Ω
Ω
Ω
Ω
Ω
R
L=4 Ω
Ω
Ω
Ω
Ω
R
L=8 Ω
Ω
Ω
Ω
Ω
0
1
2
3
4
5
6
7
8
9
2.5
3
3.5
4
4.5
5
5.5
6
Stereo BTL
Stereo SE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com