Electronic Components Datasheet Search
  English  ▼

X  

APA2020 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA2020
Description  Stereo 2-W Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2020 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA2020 Datasheet HTML 1Page - Anpec Electronics Coropration APA2020 Datasheet HTML 2Page - Anpec Electronics Coropration APA2020 Datasheet HTML 3Page - Anpec Electronics Coropration APA2020 Datasheet HTML 4Page - Anpec Electronics Coropration APA2020 Datasheet HTML 5Page - Anpec Electronics Coropration APA2020 Datasheet HTML 6Page - Anpec Electronics Coropration APA2020 Datasheet HTML 7Page - Anpec Electronics Coropration APA2020 Datasheet HTML 8Page - Anpec Electronics Coropration APA2020 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.8 - Nov., 2002
APA2020
www.anpec.com.tw
2
Block Diagram
MUX
MUX
MUX
SE/BTL
(Over operating free-air temperature range unless otherwise noted.)
Symbol
Parameter
Rating
Unit
V
CC
Supply Voltage
6
V
T
A
Operating Ambient Temperature Range
-40 to 85
°C
T
J
Maximum Junction Temperature
150
°C
T
STG
Storage Temperature Range
-65 to +150
°C
T
S
Soldering Temperature,10 seconds
300
°C
V
ESD
Electrostatic Discharge
-3000 to 3000 *1
-200 to 200 *2
V
Absolute Maximum Ratings
Note: 1. Human body model : C=100pF , R=1500
Ω , 3 positive pulses plus 3 negative pulses
2. Machine model : C=200pF , L=0.5mH , R=0
Ω , 3 positive pulses plus 3 negative pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com