Electronic Components Datasheet Search
  English  ▼

X  

APL1087 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APL1087
Description  800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1087 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APL1087 Datasheet HTML 6Page - Anpec Electronics Coropration APL1087 Datasheet HTML 7Page - Anpec Electronics Coropration APL1087 Datasheet HTML 8Page - Anpec Electronics Coropration APL1087 Datasheet HTML 9Page - Anpec Electronics Coropration APL1087 Datasheet HTML 10Page - Anpec Electronics Coropration APL1087 Datasheet HTML 11Page - Anpec Electronics Coropration APL1087 Datasheet HTML 12Page - Anpec Electronics Coropration APL1087 Datasheet HTML 13Page - Anpec Electronics Coropration APL1087 Datasheet HTML 14Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.8 - Mar., 2004
APL1087
www.anpec.com.tw
14
Application
Carrier Width
Cover Tape Width
Devices Per Reel
SOT- 89
12
9.3
1000
SOT- 223
12
9.3
2500
TO- 252
16
13.3
2500
Cover Tape Dimensions
Customer Service
Anpec Electronics Corp.
Head Office :
5F, No. 2 Li-Hsin Road, SBIP,
Hsin-Chu, Taiwan, R.O.C.
Tel : 886-3-5642000
Fax : 886-3-5642050
Taipei Branch :
7F, No. 137, Lane 235, Pac Chiao Rd.,
Hsin Tien City, Taipei Hsien, Taiwan, R. O. C.
Tel : 886-2-89191368
Fax : 886-2-89191369
Application
A
B
C
J
T1
T2
W
P
E
SOT-89
178
±1
70
± 2 13.5 ± 0.15 3 ± 0.15
14
± 2
1.3
± 0.3
12 + 0.3
12 - 0.1
8
± 0.1
1.75
± 0.1
Application
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOT-89
5.5
± 0.05 1.5± 0.1
1.5
± 0.1 4.0 ± 0.1 2.0 ± 0.1 4.8 ± 0.1 4.5± 0.1 1.80± 0.1 0.3±0.013
Application
A
B
C
J
T1
T2
W
P
E
SOT-223
330
±162±1.5
12.75
±
0.15
2
± 0.6
12.4 +0.2
2
± 0.2
12
± 0.3
8
± 0.1
1.75
± 0.1
Application
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOT-223
5.5
± 0.05 1.5+ 0.1
1.5+ 0.1
4.0
± 0.1 2.0 ± 0.05 6.9 ± 0.1 7.5± 0.1
2.1
± 0.1 0.3±0.05
(mm)
Carrier Tape & Reel Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com