Electronic Components Datasheet Search
  English  ▼

X  

APL1087 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL1087
Description  800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1087 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL1087 Datasheet HTML 1Page - Anpec Electronics Coropration APL1087 Datasheet HTML 2Page - Anpec Electronics Coropration APL1087 Datasheet HTML 3Page - Anpec Electronics Coropration APL1087 Datasheet HTML 4Page - Anpec Electronics Coropration APL1087 Datasheet HTML 5Page - Anpec Electronics Coropration APL1087 Datasheet HTML 6Page - Anpec Electronics Coropration APL1087 Datasheet HTML 7Page - Anpec Electronics Coropration APL1087 Datasheet HTML 8Page - Anpec Electronics Coropration APL1087 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.8 - Mar., 2004
APL1087
www.anpec.com.tw
4
V
IN
10µ F
APL1087
OUT
IN
ADJ
V
OUT
150
µ F
10µ F
C
R1
R2
+
+
*
3
Application Circuits
* Needed if device is far from filter capacitors
1.25V to 7.15V Adjustable Regulator
Improving Ripple Rejection
R1
R2
R1
1.250V
VOUT
+
×
=
V
IN
10µ F
APL1087
OU T
IN
AD J
TTL
121
Ω
365
Ω
1%
1%
+
1k
1k
100µ F
5V
+
5V Regulator with Shutdown
V
IN
10 µ F
C
1
V
OU T
+
R1
R2
A P L108 7
OUT
IN
AD J
+
10 0µ F
C
2
12 1
Ω
*
*
* C3 improves ripple rejection.
XC should be approximately
equal to R1 at ripple frequency
Electrical Characteristics (Cont.)
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Load line regulations are mea-
sured at a constant junction temperature by low duty cycle pulse testing.
Note 2: Dropout voltage is specified over the full output current range of the device. Dropout voltage is defined as the minimum input/
output differential measured at the specified output current. Test points and limits are also shown on the Dropout Voltage curve.
Note 3: Minimum load current is defined as the minimum output current required to maintain regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com