Electronic Components Datasheet Search
  English  ▼

X  

APL1087 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL1087
Description  800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1087 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL1087 Datasheet HTML 1Page - Anpec Electronics Coropration APL1087 Datasheet HTML 2Page - Anpec Electronics Coropration APL1087 Datasheet HTML 3Page - Anpec Electronics Coropration APL1087 Datasheet HTML 4Page - Anpec Electronics Coropration APL1087 Datasheet HTML 5Page - Anpec Electronics Coropration APL1087 Datasheet HTML 6Page - Anpec Electronics Coropration APL1087 Datasheet HTML 7Page - Anpec Electronics Coropration APL1087 Datasheet HTML 8Page - Anpec Electronics Coropration APL1087 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.8 - Mar., 2004
APL1087
www.anpec.com.tw
2
P a c k a ge C o de
D : S O T - 8 9
E : T O - 9 2
U : T O - 2 5 2
V : S O T - 2 2 3
T e m p . R ang e
C : 0 t o 70
C
H andl in g C o de
T U : T u b e
T R : T a p e & R e e l
V o lt age C o d e
1 8 : 1 . 8 V
2 5 : 2 . 5 V
3 3 : 3 . 3 V
B l ank : A d j u s t abl e V e r s i o n
Le ad F r ee C ode
L : Lea d F r ee D e v ic e
B la n k : O r ig i nal D e v ic e
°
A P L 10 87-
H andl in g C o de
T e m p . R ang e
P a c k a ge C o de
V o lt age C o d e
A P L1 087- 33 U :
A P L1 087
XX XX X
- D a te C o d e
XX XX X
33
A P L1 087- 25 U :
A P L1 087
XX XX X
- D a te C o d e
XX XX X
25
A P L1 087- 18 U :
A P L1 087
XX XX X
- D a te C o d e
XX XX X
18
A P L1 087 U :
A P L1 087
XX XX X
- D a te C o d e
XX XX X
A P L1 087
XX XX X
XX XX X
-
D a t e C o d e
A P L1 087 D / V / E :
A P L1 087
XX XX X2 5
XX XX X
-
D a t e C o d e
A P L1 087- 25 D / V / E :
A P L1 087
XX XX X3 3
XX XX X
-
D a t e C o d e
A P L1 087- 33 D / V / E :
A P L1 087
XX XX X1 8
XX XX X
-
D a t e C o d e
A P L1 087- 18 D / V / E :
Le ad F r ee C ode
Ordering and Marking Information
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VI
Input Voltage
9
V
TJ
Operating Junction Temperature Range
Control Section
Power Transistor
0 to 125
0 to 150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature (Soldering, 10 second)
260
°C
θ
JA
Thermal Resistance from Junction to Ambient in Free Air
SOT-89
SOT-223
TO-92
TO-252
180
75
180
62.5
°C/W
θ
JC
Thermal Resistance from Junction to Ambient in Free Air
SOT-89
SOT-223
TO-92
TO-252
38
15
80
6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com