Electronic Components Datasheet Search
  English  ▼

X  

APL5330 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5330
Description  Dual Input 2A Low Dropout Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5330 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5330 Datasheet HTML 1Page - Anpec Electronics Coropration APL5330 Datasheet HTML 2Page - Anpec Electronics Coropration APL5330 Datasheet HTML 3Page - Anpec Electronics Coropration APL5330 Datasheet HTML 4Page - Anpec Electronics Coropration APL5330 Datasheet HTML 5Page - Anpec Electronics Coropration APL5330 Datasheet HTML 6Page - Anpec Electronics Coropration APL5330 Datasheet HTML 7Page - Anpec Electronics Coropration APL5330 Datasheet HTML 8Page - Anpec Electronics Coropration APL5330 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2006
APL5330
www.anpec.com.tw
4
Electrical Characteristics
Refer to the typical application circuit. These specifications apply over V
CNTL = 3.3V, VIN = 2V, VREF = 1.2V and TA = -20
to 70°C, unless otherwise specified. Typical values are at T
A = 25°C.
APL5330
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
VOUT Output Voltage
IOUT = 0A
VREF
V
System Accuracy
Over temperature, VOUT offset,
and load regulation
-20
20
mV
Load Regulation
IOUT = 10mA to 2A
-8
-3
mV
VIN Dropout Voltage
IOUT = 2A
0.47
0.7
V
PROTECTION
ILIM
Current Limit
TJ = 25
°C
TJ = 125
°C
2.4
2.7
2.6
A
TSD
Thermal Shutdown
Temperature
Rising TJ
170
oC
Thermal Shutdown Hysteresis
30
oC
INPUT CURRENT
IOUT = 0A
0.5
2
4
IOUT = 2A (Normal Operation)
25
50
ICNTL
VCNTL Supply Current
VREF = GND (Shutdown)
0.3
mA
Normal operation
150
500
IVREF
VREF Bias Current
(The current flows out of VREF) VREF = GND (Shutdown)
300
5000
nA
SHUTDOWN CONTROL
Shutdown Voltage Threshold
0.2
0.35
0.65
V
Typical Application Circuit
(V)
R
R
R
V
V
2
1
2
REFIN
OUT
+
⋅
=
V
CNTL
+3.3V
C
CNTL
1uF
V
OUT
1.2V/2A
C
SS
0.1uF
GND
R
2
2k
V
IN
+2V
GND
C
IN
47uF
C
OUT
330uF
V
REF
GND
VREF
VIN
VOUT
VCNTL
3.5k
R
1
Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com