Electronic Components Datasheet Search
  English  ▼

X  

APL5330 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5330
Description  Dual Input 2A Low Dropout Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5330 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5330 Datasheet HTML 2Page - Anpec Electronics Coropration APL5330 Datasheet HTML 3Page - Anpec Electronics Coropration APL5330 Datasheet HTML 4Page - Anpec Electronics Coropration APL5330 Datasheet HTML 5Page - Anpec Electronics Coropration APL5330 Datasheet HTML 6Page - Anpec Electronics Coropration APL5330 Datasheet HTML 7Page - Anpec Electronics Coropration APL5330 Datasheet HTML 8Page - Anpec Electronics Coropration APL5330 Datasheet HTML 9Page - Anpec Electronics Coropration APL5330 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2006
APL5330
www.anpec.com.tw
6
P.6 右上角的圖
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.5
1
1.5
2
TJ = 75oC
TJ = 125oC
TJ = 25oC
TJ = -25oC
VCNTL = 5V
VREF = 1.2V
P.6 右上角的圖
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.5
1
1.5
2
TJ = 75oC
TJ = 75oC
TJ = 125oC
TJ = 125oC
TJ = 25oC
TJ = 25oC
TJ = -25oC
TJ = -25oC
VCNTL = 5V
VCNTL = 5V
VREF = 1.2V
VREF = 1.2V
1
1.4
1.8
2.2
2.6
3
3.4
3.8
0
20
40
60
80
100
120
TJ = 125oC
TJ = 75oC
TJ = 25oC
TJ = -25oC
IOUT = 1A
1
1.4
1.8
2.2
2.6
3
3.4
3.8
0
20
40
60
80
100
120
TJ = 125oC
TJ = 125oC
TJ = 75oC
TJ = 75oC
TJ = 25oC
TJ = 25oC
TJ = -25oC
TJ = -25oC
IOUT = 1A
IOUT = 1A
0
20
40
60
80
100
120
140
0.1
0.2
0.3 0.4
0.5
0.6
0.7 0.8
0.9
1
TJ = 125oC
TJ = 25oC
TJ = 75oC
TJ = -25oC
IOUT = 1A
0
20
40
60
80
100
120
140
0.1
0.2
0.3 0.4
0.5
0.6
0.7 0.8
0.9
1
TJ = 125oC
TJ = 125oC
TJ = 25oC
TJ = 25oC
TJ = 75oC
TJ = 75oC
TJ = -25oC
TJ = -25oC
IOUT = 1A
IOUT = 1A
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.5
1
1.5
2
TJ = 125oC
VCNTL = 3.3V
VREF = 1.2V
TJ = 75oC
TJ = -25oC
TJ = 25oC
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.5
1
1.5
2
TJ = 125oC
TJ = 125oC
VCNTL = 3.3V
VCNTL = 3.3V
VREF = 1.2V
VREF = 1.2V
TJ = 75oC
TJ = 75oC
TJ = -25oC
TJ = -25oC
TJ = 25oC
TJ = 25oC
Typical Characteristics (Cont.)
VINDropout Voltage
vs. Output Current
VCNTL-to-VOUT Dropout Voltage
vs. VCNTL Input Current
VCNTL Input Current, I
CNTL (mA)
Output Current (A)
VCNTL Input Current
vs. V
IN - VOUT Voltage at IOUT=1A
V
IN - VOUT Voltage (V)
VINDropout Voltage
vs. Output Current
Output Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com