Electronic Components Datasheet Search
  English  ▼

X  

APL6535 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL6535
Description  Two-Channel Supervisory IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL6535 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL6535 Datasheet HTML 3Page - Anpec Electronics Coropration APL6535 Datasheet HTML 4Page - Anpec Electronics Coropration APL6535 Datasheet HTML 5Page - Anpec Electronics Coropration APL6535 Datasheet HTML 6Page - Anpec Electronics Coropration APL6535 Datasheet HTML 7Page - Anpec Electronics Coropration APL6535 Datasheet HTML 8Page - Anpec Electronics Coropration APL6535 Datasheet HTML 9Page - Anpec Electronics Coropration APL6535 Datasheet HTML 10Page - Anpec Electronics Coropration APL6535 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Copyright
© ANPEC Electronics Corp. Rev.
Rev. A.1 - May., 2005
www.anpec.com.tw
7
APL6535
0.618
0.620
0.622
0.624
0.626
0.628
0.630
0.632
0.634
0.636
0.638
-40
-20
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
-40
-20
0
20
40
60
80
100
120
0.630
0.633
0.636
0.639
0.642
0.645
0.648
0.651
2.6
3.1
3.6
4.1
4.6
5.1
5.6
0
50
100
150
200
250
300
350
400
2.6
3.1
3.6
4.1
4.6
5.1
5.6
Typical Characteristics
Supply Current vs. Supply Voltage
Supply Current vs. Temperature
VMON_H2L vs. Temperature
VMON Threshold vs. Supply Voltage
Supply Voltage(V)
Temperature(
°C)
Temperature(
°C)
Supply Voltage(V)
VMON>VMON_L2H
VCC
=3.3V
VMON_L2H
VMON_H2L
VCC
=3.3V
VCC
=5V
VCC
=5V
VMON>VMON_L2H
VMON<VMON_H2L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com