Electronic Components Datasheet Search
  English  ▼

X  

APL6535 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL6535
Description  Two-Channel Supervisory IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL6535 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL6535 Datasheet HTML 1Page - Anpec Electronics Coropration APL6535 Datasheet HTML 2Page - Anpec Electronics Coropration APL6535 Datasheet HTML 3Page - Anpec Electronics Coropration APL6535 Datasheet HTML 4Page - Anpec Electronics Coropration APL6535 Datasheet HTML 5Page - Anpec Electronics Coropration APL6535 Datasheet HTML 6Page - Anpec Electronics Coropration APL6535 Datasheet HTML 7Page - Anpec Electronics Coropration APL6535 Datasheet HTML 8Page - Anpec Electronics Coropration APL6535 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Two-Channel Supervisory IC
Copyright
© ANPEC Electronics Corp. Rev.
Rev. A.1 - May., 2005
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain
the latest version of relevant information to verify before placing orders.
APL6535
Features
General Description
Applications
•
Graphics Cards
•
Portable Battery-Powered Equipment
•
µP Voltage Monitoring
•
Set-Top Boxes
• Notebook Computer
•
Multiple Supply System
•
2.6V to 5.5V Input Voltage Range
•
Low Quiescent Current : less than 50
µA
•
High Accuracy Detection Threshold : ±1.6%
•
Adjustable Undervoltage Lockout for Each
Supply
•
Active high PGOOD Output
• Guaranteed PGOOD Valid to Falling VCC < 1V
•
VMON Glitch Immunity : 30µs
• Lead Free Available (RoHS Compliant)
Pinouts
°
The APL6535 is a two channel supervisory IC designed
to monitor voltage supplies in mP and digital system.
This IC can supervise any positive voltage using an
external resistor divider to translate to a lower voltage
for comparison to the internal 0.633V reference. Once
any VMON input falls below 0.633V the PGOOD out-
put is pulled low, the hysteresis of the internal refer-
ence is 15mV. The PGOOD pin has an internal 20kW
pull-up to VCC making an external pull-up resistor
unnecessary. Each rail’s VMON point is independently
adjustable with a resistor divider. The PGOOD output
is guaranteed to be valid with IC bias lower than 1V.
This IC is designed to reject fast line transient glitches
30ms on VMON input. The PGOOD output is an open-
drain to allow ORing of multiple signals. If less than
four voltages are being monitored, connect the unused
VMON pins to VCC. The ENABLE input pin provides
for a reset of the PGOOD output when it is pulled
down below 0.5V. With an internal 10mA pull-up to
VCC, it can be signaled with common logic or pulled
to ground with a push button switch. APL6535 come
in a miniature SOT-23-5 package.
GND
1
2
3
5
4
VMON1
PGOOD
Vcc
VMON2
SOT-23-5 Top View
APL6535


Similar Part No. - APL6535

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
Four-Channel Supervisory IC
APL6536KI-TR ANPEC-APL6536KI-TR Datasheet
181Kb / 13P
Four-Channel Supervisory IC
APL6536KI-TRL ANPEC-APL6536KI-TRL Datasheet
181Kb / 13P
Four-Channel Supervisory IC
APL6536KI-TU ANPEC-APL6536KI-TU Datasheet
181Kb / 13P
Four-Channel Supervisory IC
APL6536KI-TUL ANPEC-APL6536KI-TUL Datasheet
181Kb / 13P
Four-Channel Supervisory IC
More results

Similar Description - APL6535

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
PC SMPS Supervisory IC
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
PC SMPS Supervisory IC
logo
Intersil Corporation
ISL6536 INTERSIL-ISL6536 Datasheet
160Kb / 6P
Four Channel Supervisory IC
December 28, 2004
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
Four Channel Supervisory IC
May 2004
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
Four-Channel Supervisory IC
logo
Cirrus Logic
CS5490 APEX-CS5490 Datasheet
753Kb / 56P
Two Channel Energy Measurement IC
logo
ON Semiconductor
NCP4350 ONSEMI-NCP4350 Datasheet
139Kb / 10P
Supervisory IC
September, 2007 - Rev. 0
logo
Cirrus Logic
CS5490 CIRRUS-CS5490 Datasheet
762Kb / 57P
Two Channel Energy Measurement IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
Four Channel Supervisory IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com