Electronic Components Datasheet Search
  English  ▼

X  

APL6535 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL6535
Description  Two-Channel Supervisory IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL6535 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL6535 Datasheet HTML 1Page - Anpec Electronics Coropration APL6535 Datasheet HTML 2Page - Anpec Electronics Coropration APL6535 Datasheet HTML 3Page - Anpec Electronics Coropration APL6535 Datasheet HTML 4Page - Anpec Electronics Coropration APL6535 Datasheet HTML 5Page - Anpec Electronics Coropration APL6535 Datasheet HTML 6Page - Anpec Electronics Coropration APL6535 Datasheet HTML 7Page - Anpec Electronics Coropration APL6535 Datasheet HTML 8Page - Anpec Electronics Coropration APL6535 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Copyright
© ANPEC Electronics Corp. Rev.
Rev. A.1 - May., 2005
www.anpec.com.tw
3
APL6535
Block Diagram
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Input Voltage
6.5
V
VMON1, 2
All Input Pins
-0.3V to VCC+0.3V
V
PGOOD
Output Pin
-0.3V to VCC+0.3V
V
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature
-65 to +150
°C
TS
Soldering Temperature (10 seconds)
260
°C
ESD
Electrostatic Discharge
-3000 to 3000*
1
V
Note:
1.Human body model: C=100pF, R=1500, 3 positives pulse plus 3 negative pulses.
Falling Edge
Glitch Filter
VMON1
VMON2
PGOOD
10uA
V CC(2.6~5.5V)
20kΩ
1M Ω
0.633V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com