Electronic Components Datasheet Search
  English  ▼

X  

APW1172 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW1172
Description  2.5A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW1172 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW1172 Datasheet HTML 5Page - Anpec Electronics Coropration APW1172 Datasheet HTML 6Page - Anpec Electronics Coropration APW1172 Datasheet HTML 7Page - Anpec Electronics Coropration APW1172 Datasheet HTML 8Page - Anpec Electronics Coropration APW1172 Datasheet HTML 9Page - Anpec Electronics Coropration APW1172 Datasheet HTML 10Page - Anpec Electronics Coropration APW1172 Datasheet HTML 11Page - Anpec Electronics Coropration APW1172 Datasheet HTML 12Page - Anpec Electronics Coropration APW1172 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2005
APW1172
www.anpec.com.tw
9
1.231
1.232
1.233
1.234
1.235
1.236
1.237
1.238
1.239
1.240
1.241
-50
-25
0
25
50
75
100
125
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Typical Operating Characteristics (Cont.)
ICE (A)
VCE vs. ICE
VIN=12V
VIN=12V
VIN=5V
VIN=5V
Junction Temperature (oC)
VFB vs. Temperature
Output Current (A)
Output Current (A)
Efficiency vs. Output Current at VIN=12V
Efficiency vs. Output Current at VIN=5V
60%
62%
64%
66%
68%
70%
72%
74%
76%
78%
80%
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
60%
62%
64%
66%
68%
70%
72%
74%
76%
78%
80%
82%
84%
86%
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
VO=1.8V
VO=2.5V
VO=3.3V
VO=1.8V
VO=1.8V
VO=2.5V
VO=2.5V
VO=3.3V
VO=3.3V
VO=2.5V
VO=3.3V
VO=5V
VO=2.5V
VO=2.5V
VO=3.3V
VO=3.3V
VO=5V
VO=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com