Electronic Components Datasheet Search
  English  ▼

X  

APW1172 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW1172
Description  2.5A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW1172 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW1172 Datasheet HTML 1Page - Anpec Electronics Coropration APW1172 Datasheet HTML 2Page - Anpec Electronics Coropration APW1172 Datasheet HTML 3Page - Anpec Electronics Coropration APW1172 Datasheet HTML 4Page - Anpec Electronics Coropration APW1172 Datasheet HTML 5Page - Anpec Electronics Coropration APW1172 Datasheet HTML 6Page - Anpec Electronics Coropration APW1172 Datasheet HTML 7Page - Anpec Electronics Coropration APW1172 Datasheet HTML 8Page - Anpec Electronics Coropration APW1172 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2005
APW1172
www.anpec.com.tw
3
Pin Function Description
No.
PIN
Description
1
OUT
Regulator Output.
2
SYNC
Master/Slave synchonization.
3
INH
A logical signal (active high) disables the device. If INH not used the pin must be
connected to GND. When it is open an internal pull-up disable the device.
4
COMP
E/A output for frequency compensation.
5
FB
Feedback input. Connecting directly to this pin results in an output voltage of
1.235V(APW1172). An external resistive divider is required for higher output
voltages.
6
VREF
3.3V reference voltage output, no Capacitor Is requested for stability.
7
GND
Ground.
8
VCC
Unregulated DC input voltage.
Thermal Characteristics
Symbol
Parameter
Value
Unit
θJA
Junction to ambient thermal resistance in free air
45.7
°C/W
The * denotes the specifications that apply over TA = -40 ~ 85oC. Typical values are at TA = 25oC.
VCC = 12V unless otherwise specified.
Electrical Characteristics
APW1172
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VCC
Operating input voltage range VO = 1.235V; IO = 2A
*
4.7
22
V
UVLO threshold voltage
VCC rising
*
3.8
4.2
4.6
V
VUVLO
Hysteresis
0.3
V
Vd
Dropout voltage
VCC = 4.8V; IO = 2A
*
1.0
1.2
V
ILIM
Maximum limiting current
VCC = 4.8V to 22V
*
3.3
3.8
4.3
A
*
200
250
300
fs
Switching frequency
Main design
205
250
295
KHz
Duty cycle
0
100
%
* The area of the thermal pad is 4.5mm X 2mm and the GND plane is 60mm X 60mm. Connect the thermal
pad and the GND plane by 8 vias. TA=25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com