Electronic Components Datasheet Search
  English  ▼

X  

APW1172 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW1172
Description  2.5A SWITCH STEP DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW1172 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW1172 Datasheet HTML 1Page - Anpec Electronics Coropration APW1172 Datasheet HTML 2Page - Anpec Electronics Coropration APW1172 Datasheet HTML 3Page - Anpec Electronics Coropration APW1172 Datasheet HTML 4Page - Anpec Electronics Coropration APW1172 Datasheet HTML 5Page - Anpec Electronics Coropration APW1172 Datasheet HTML 6Page - Anpec Electronics Coropration APW1172 Datasheet HTML 7Page - Anpec Electronics Coropration APW1172 Datasheet HTML 8Page - Anpec Electronics Coropration APW1172 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2005
APW1172
www.anpec.com.tw
2
Absolute Maximum Ratings
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering
operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C
for MSL classification at lead-free peak reflow temperature.
APW1172
Handling Code
Temp. Range
Package Code
Package Code
KA : SOP-8-P
Operating Ambient Temp. Range
C : 0 to 70 C
I : -40 to 85 C
Handling Code
TU : Tube
TR : Tape & Reel
Lead Free Code
L : Lead Free Device
Blank : Orginal Device
APW1172 KA :
APW1172
XXXXX
XXXXX - Date Code
Lead Free Code
°
°
Block Diagram
Voltages
Monitor
VREF
Buffer
Peak to Peak
Current Limit
Oscillator
Frequency
Shifter
Inhibit
Driver
INH
COMP
FB
SYNC
VREF
VCC
OUT
GND
V REF =1.235V
OVP
E/A
PWM
1.25VREF
Thermal
Protection
D
Q
Ck
Symbol
Parameter
Value
Unit
VCC
Input voltage (VCC to GND)
25
V
VOUT
Output DC voltage
-1 to 25
V
VIO
COMP and FB to GND
-0.7 ~ VCC
V
IOUT
Output current
0 to current limit
A
VREF
VREF to GND
3.3
V
PD
Average Power Dissipation, TA < 50°
2.2
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
TSDR
Soldering Temperature, 10 seconds
300
°C
VESD
Minimum ESD rating (Human body mode)
±3
KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com