Electronic Components Datasheet Search
  English  ▼

X  

LM7480 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM7480
Description  LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7480 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM7480 Datasheet HTML 28Page - Texas Instruments LM7480 Datasheet HTML 29Page - Texas Instruments LM7480 Datasheet HTML 30Page - Texas Instruments LM7480 Datasheet HTML 31Page - Texas Instruments LM7480 Datasheet HTML 32Page - Texas Instruments LM7480 Datasheet HTML 33Page - Texas Instruments LM7480 Datasheet HTML 34Page - Texas Instruments LM7480 Datasheet HTML 35Page - Texas Instruments LM7480 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
The circuit implementation with optional protection components (a ceramic capacitor, TVS and schottky diode) is
shown in Figure 10-29
GND
DGATE
A
HGATE OUT
C
EN/UVLO
VIN
VOUT
LM7480x
CAP
VS
ON OFF
Q1
Q2
D1
SW
R2
R1
OV
VSNS
R3
BATT_MON
CIN
COUT
D2
CVS
CVCAP
*
*
* Optional components needed for suppression of transients
Figure 10-29. Circuit Implementation with Optional Protection Components for LM7480
10.5.2 TVS Selection for 12-V Battery Systems
In selecting the TVS, important specifications are breakdown voltage and clamping voltage. The breakdown
voltage of the TVS+ should be higher than 24-V jump start voltage and 35-V suppressed load dump voltage
and less than the maximum ratings of LM7480 (65 V). The breakdown voltage of TVS- should be beyond than
maximum reverse battery voltage –16 V, so that the TVS- is not damaged due to long time exposure to reverse
connected battery.
Clamping voltage is the voltage the TVS diode clamps in high current pulse situations and this voltage is much
higher than the breakdown voltage. In the case of an ISO 7637-2 pulse 1, the input voltage goes up to –150 V
with a generator impedance of 10 Ω. This translates to 15 A flowing through the TVS - and the voltage across
the TVS would be close to its clamping voltage.
The next criterion is that the absolute maximum rating of cathode to anode voltage of the LM7480 (85 V) and
the maximum VDS rating MOSFET are not exceeded. In the design example, 60-V rated MOSFET is chosen and
maximum limit on the cathode to anode voltage is 60 V.
During ISO 7637-2 pulse 1, the anode of LM7480 is pulled down by the ISO pulse, clamped by TVS- and the
MOSFET Q1 is turned off quickly to prevent reverse current from discharging the bulk output capacitors. When
the MOSFET turns off, the cathode to anode voltage seen is equal to (TVS Clamping voltage + Output capacitor
voltage). If the maximum voltage on output capacitor is 16 V (maximum battery voltage), then the clamping
voltage of the TVS- should not exceed, (60 V – 16) V = –44 V.
The SMBJ33CA TVS diode can be used for 12-V battery protection application. The breakdown voltage of 36.7
V meets the jump start, load dump requirements on the positive side and 16-V reverse battery connection on the
negative side. During ISO 7637-2 pulse 1 test, the SMBJ33CA clamps at –44 V with 12 A of peak surge current
as shown in and it meets the clamping voltage ≤ 44 V.
SMBJ series of TVS' are rated up to 600-W peak pulse power levels and are sufficient for ISO 7637-2 pulses.
10.5.3 TVS Selection for 24-V Battery Systems
For 24-V battery protection application, the TVS and MOSFET in Figure 10-1 needs to be changed to suit 24-V
battery requirements.
The breakdown voltage of the TVS+ should be higher than 48-V jump start voltage, less than the absolute
maximum ratings of anode and enable pin of LM7480 (70 V) and should withstand 65-V suppressed load dump.
The breakdown voltage of TVS- should be lower than maximum reverse battery voltage –32 V, so that the TVS-
is not damaged due to long time exposure to reverse connected battery.
LM7480
SNOSDD8 – DECEMBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM7480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com