Electronic Components Datasheet Search
  English  ▼

X  

LM7480 Datasheet(PDF) 29 Page - Texas Instruments

Part # LM7480
Description  LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7480 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM7480 Datasheet HTML 25Page - Texas Instruments LM7480 Datasheet HTML 26Page - Texas Instruments LM7480 Datasheet HTML 27Page - Texas Instruments LM7480 Datasheet HTML 28Page - Texas Instruments LM7480 Datasheet HTML 29Page - Texas Instruments LM7480 Datasheet HTML 30Page - Texas Instruments LM7480 Datasheet HTML 31Page - Texas Instruments LM7480 Datasheet HTML 32Page - Texas Instruments LM7480 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
10.3.2.1 Boost Converter components (C2, C3, L1)
Place a minimum of 1µF capacitor across drain of the FET to GND (C2) and across CAP pin of LM7472x-
Q1 to drain of the FET (C3). Use a 100µH inductor (L1) with saturation current rating >175mA. Example:
XPL2010-104ML from coil craft
10.3.2.2 Input and output capacitance
A minimum input capacitance CIN of 0.1 µF and output capacitance COUT of 0.1 µF is recommended.
10.3.2.3 VS Capacitance, Resistor and Zener Clamp
Minimum of 1-µF CVS capacitance is required. During 200-V load dump, resistor R1 and zener diode D1 are used
to protect VS pin from exceeding the maximum ratings by clamping VVS to 60 V. Choosing R1 = 10 kΩ, the peak
power dissipated in zener diode D1 = 60 V * (200 V - 60 V) / 10 kΩ = 0.840 W of peak power dissipation. SMA
package diode such as BZG03B62-M can handle 840mW peak power dissipation. Peak power dissipated in R1
= (200 V - 60 V)2 / 10 kΩ = 1.96 W. One 10-kΩ resistor in 1210 package with 0.5-W DC power rating and 200-V
rating can withstand 200 Load Dump for 350 ms.
10.3.2.4 Overvoltage Protection and Output Clamp
Resistors R2 and R3 connected in series is used to program the overvoltage threshold. Connecting R2 to VBATT
provides overvoltage cut-off and switching the connection to VOUT provides overvoltage clamp. The resistor
values required for setting the overvoltage threshold VOV to 37.0 V is calculated by solving Equation 7.
(8)
For minimizing the input current drawn from the battery through resistors R2 and R3, it recommended to use
higher value of resistance. Using high value resistors will add error in the calculations because the current
through the resistors at higher value will become comparable to the leakage current into the OV pin. Maximum
leakage current into the OV pin is 1 µA and choosing (R2 + R3) < 120 kΩ ensures current through resistors is
100 times greater than leakage through OV pin.
Based on the device electrical characteristics, VOVR is 1.233V V. To limit (R2 + R3) < 120 kΩ, select (R2) = 100
kΩ. Solving Equation 7 gives R3 = 3.45 kΩ.
Closest standard 1% resistor values are R2 = 100 kΩ and R3 = 3.48 kΩ.
10.3.2.5 MOSFET Q1 Selection
The VDS rating of the MOSFET Q1 should be minimum 200 V for a output cutoff design where output can reach
0 V while the load dump transient is present and should be a minimum of 164.5 V when output is clamped to 37
V (±1.5 V). The VGS rating is based on HGATE-OUT maximum voltage of 15 V. A 20-V VGS rated MOSFET is
recommended.
Power dissipation on MOSFET Q1 on a design where output is clamped is critical and SOA characteristics of the
MOSFET need to be considered with sufficient design margin for reliable operation.
10.3.2.6 Input TVS Selection
Two TVS diodes D3 and D4 are required at the input. The breakdown voltage of TVS in the positive side
should be higher than the maximum system voltage 200 V. On the negative side clamping, diode D4 is used to
clamp ISO 7637-2 pulse 1 and its selection is similar to procedure in TVS selection for 24-V Battery Systems.
SMBJ150A for D3 and SMBJ33CA for D4 are recommended.
10.3.2.7 MOSFET Q2 Selection
Design requirements for selecting Q2 is similar to MOSFET Q1 selection in Table 10-1 and hence the procedure
for selecting MOSFET Q2 is same as outlined in MOSFET Selection: Blocking MOSFET Q1. MOSFET
BUK7Y4R8-60E is selected based on the design requirements.
www.ti.com
LM7480
SNOSDD8 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LM7480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com