Electronic Components Datasheet Search
  English  ▼

X  

LM7480 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM7480
Description  LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7480 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM7480 Datasheet HTML 17Page - Texas Instruments LM7480 Datasheet HTML 18Page - Texas Instruments LM7480 Datasheet HTML 19Page - Texas Instruments LM7480 Datasheet HTML 20Page - Texas Instruments LM7480 Datasheet HTML 21Page - Texas Instruments LM7480 Datasheet HTML 22Page - Texas Instruments LM7480 Datasheet HTML 23Page - Texas Instruments LM7480 Datasheet HTML 24Page - Texas Instruments LM7480 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Table 10-1. Design Parameters - 12-V Reverse Battery Protection and Overvoltage Protection (continued)
DESIGN PARAMETER
EXAMPLE VALUE
Output Capacitance
0.1-µF minimum, (optional hold-up capacitor of 47 µF )
Overvoltage Cut-off
37.0 V, output cut-off > 37.0 V
Battery Monitor Ratio
8:1
10.2.2 Automotive Reverse Battery Protection
The LM7480 feature two separate gate control and driver outputs i.e DGATE and HGATE to drive back to back
N-channel MOSFETs. This enables LM7480 to provide comprehensive immunity with robust system protection
during various automotive transient tests as per ISO 7637-2 and ISO 16750-2 standard as well as other
automotive OEM standards. For more information, see the Automotive EMC-compliant reverse-battery protection
with ideal-diode controllers article.
LM7480 gate drive output DGATE controls MOSFET Q1 to provide reverse battery protection and true reverse
current blocking functionality. HGATE controls MOSFET Q2 to turn off the power path during input overvoltage
condition. Resistor network R1, R2 and R3 connected to OV and SW can be configured for overvoltage
protection and also for battery monitoring under normal operating conditions as well as reverse battery
conditions. Bi-directional TVS D1 clamps the automotive transient input voltages on the 12-V battery, both
positive and negative transients, to voltage levels safe for MOSFET Q1 and LM7480.
Fast reverse current blocking response and quick reverse recovery enables LM7480 to turn ON/OFF MOSFET
Q1 during AC super imposed input and provide active rectification of the AC input superimposed on DC battery
voltage. Fast reverse current blocking response of LM7480 helps to turn off MOSFET Q1 during negative
transients inputs and input micro short interruption conditions where input can fall to 0-V for short duration.
www.ti.com
LM7480
SNOSDD8 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM7480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com