Electronic Components Datasheet Search
  English  ▼

X  

OPA863 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA863
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA863 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA863 Datasheet HTML 20Page - Texas Instruments OPA863 Datasheet HTML 21Page - Texas Instruments OPA863 Datasheet HTML 22Page - Texas Instruments OPA863 Datasheet HTML 23Page - Texas Instruments OPA863 Datasheet HTML 24Page - Texas Instruments OPA863 Datasheet HTML 25Page - Texas Instruments OPA863 Datasheet HTML 26Page - Texas Instruments OPA863 Datasheet HTML 27Page - Texas Instruments OPA863 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
8.3.3 ESD Protection
As Figure 8-1 shows, all device pins are protected with internal ESD protection diodes to the power supplies.
These diodes provide moderate protection to input overdrive voltages above the supplies. The protection diodes
can typically support 10-mA continuous input and output currents. Use series current limiting resistors if input
voltages exceeding the supply voltages occur at the amplifier inputs, which ensures the current through the
ESD diodes remains within their rated value. Since OPAx863 is a bipolar amplifier, the two inputs are protected
with anti-parallel back-to-back diodes between them which limits the maximum input differential voltage to
approximately 1 V. Care must be taken to use gain-setting and feedback resistors large enough to limit the
current through these diodes in fast slewing conditions.
+
VS+
VS-
VIN+
VOUT
Power Sup ply
ESD Cell
VIN-
±
PD
Figure 8-1. Internal ESD Protection
8.4 Device Functional Modes
8.4.1 Power-Down Mode
The OPAx863 includes a power-down mode for low-power standby operation with a quiescent current of only
1.5 μA (maximum) with a 3-V supply and high output impedance. Many low-power systems are active for only a
small time interval when the parameters of interest are measured and remain in low-power standby mode for a
majority of the time and an overall small average power consumption. The OPAx863 enables such a low-power
operation with quick turn-on within less than 6.5 μs. Refer to the Electrical Characteristics tables for power-down
pin control thresholds.
The PD pin always needs to be driven to avoid false triggering and oscillations. If it is not necessary to use the
power-down mode, then the PD pin should be connected to VS+. For applications which need the power-down
mode, an external pull-up resistor from the PD pin to VS+ (driven with an open-collector power-down control
logic) may be used.
OPAx863
PD
RPU
VS+
VS–
CPU
Control
Logic
1 M
1 nF
Figure 8-2. Power Down Control
Figure 8-2 shows the choice of value of the pull-up resistor RPU, which impacts the current consumption in
power-down mode. Using a large RPU reduces the power consumption, but increases the noise at the PD pin
which could cause the amplifier to power-down. A 1 nF capacitor may be used in parallel with RPU to avoid
coupling of external noise and false triggering. For the case of PD pin driven to VS-, the current IPU through RPU
is given as,
−
−
(1)
OPA863, OPA2863, OPA4863
SBOS982I – JUNE 2020 – REVISED DECEMBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com