Electronic Components Datasheet Search
  English  ▼

X  

APW7055 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7055
Description  Advanced PWM and Linear Power Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7055 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7055 Datasheet HTML 1Page - Anpec Electronics Coropration APW7055 Datasheet HTML 2Page - Anpec Electronics Coropration APW7055 Datasheet HTML 3Page - Anpec Electronics Coropration APW7055 Datasheet HTML 4Page - Anpec Electronics Coropration APW7055 Datasheet HTML 5Page - Anpec Electronics Coropration APW7055 Datasheet HTML 6Page - Anpec Electronics Coropration APW7055 Datasheet HTML 7Page - Anpec Electronics Coropration APW7055 Datasheet HTML 8Page - Anpec Electronics Coropration APW7055 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Copyright
 ANPEC Electronics Corp. Rev. A.
Rev.A.1 - Dec., 2001
APW7055
www.anpec.com.tw
2
Ordering Information
Block Diagram
A P W 7 055
V o l t ag e C o de
A : 2 . 4 0 ~ 2 . 5 5 V
B : 2 . 6 0 ~ 2 .7 5 V
C : 2 . 8 0 ~ 2 .9 5 V
D : 3 . 0 0 ~ 3 .1 5 V
P a c k ag e C o d e
N : S S O P - 1 6
Te m p . R a n g e
C : 0 t o 7 0 ° C
H a nd l i n g C ode
T U : T u b e
T R : T a p e & R e e l
Le ad F r ee C o d e
L : L e a d F r e e D e v i c e
B l a n k : O r i g i n a l D e v i c e
H a nd l i n g C ode
Te m p . R a n g e
P a c k ag e C o d e
V o l t ag e C o de
Le ad F r ee C o d e
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
V
CC
Supply Voltage
15
V
V
I , VO
Input , Output or I/O Voltage
GND -0.3 V to V
CC +0.3
V
T
A
Operating Ambient Temperature Range
0 to 70
°C
T
J
Junction Temperature Range
0 to 125
°C
T
STG
Storage Temperature Range
-65 to +150
°C
T
S
Soldering Temperature
300 ,10 seconds
°C
VC C
Po we r O n
Re s e t
T her m a l
P r ot ect io n
V TT
C ont r o l
S o ft S t a r t a n d
F ault Log ic
O s c illa t o r
Ga t e
C ont r o l
TTL D / A
C onve r t e r
SD
S O URCE
FB
SI N K
VC C
S S
OC S E T
B OOT
PG N D
VS EN
ME M0
ME M1
GN D
28
µ A
4. 5 V
I NHI B I T
PW M
OC P
OV P
11 5%
PH A S E
UG A T E
V ME M
20 0uA
E. A
50%
V TT
V IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com