Electronic Components Datasheet Search
  English  ▼

X  

APW7055 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7055
Description  Advanced PWM and Linear Power Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7055 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7055 Datasheet HTML 1Page - Anpec Electronics Coropration APW7055 Datasheet HTML 2Page - Anpec Electronics Coropration APW7055 Datasheet HTML 3Page - Anpec Electronics Coropration APW7055 Datasheet HTML 4Page - Anpec Electronics Coropration APW7055 Datasheet HTML 5Page - Anpec Electronics Coropration APW7055 Datasheet HTML 6Page - Anpec Electronics Coropration APW7055 Datasheet HTML 7Page - Anpec Electronics Coropration APW7055 Datasheet HTML 8Page - Anpec Electronics Coropration APW7055 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright
 ANPEC Electronics Corp. Rev. A.
Rev.A.1 - Dec., 2001
APW7055
www.anpec.com.tw
3
Electrical Characteristics
Thermal Characteristics
Symbol
Parameter
Value
Unit
R
JA
Thermal Resistance in Free Air
SOIC
SOIC (with 3in2 of Copper)
75
65
°C/W
1. Recommended operating conditions, Unless otherwise noted.
2. Refer to Block and Simplified Power System Diagrams , and Typical Application Schematic.
APW 7055
Sym bol
Param eter
Test Conditions
Min.
Typ.
Max.
Unit
Supply Current
Nominal Supply Current
SD=0V, GATE Drive Open
7
I
CC
Shutdown Supply Current
SD=5V
2.7
mA
Power-on Reset
Rising VCC Threshold
Vocset=3V
4.2
4.6
V
CC
Falling VCC Threshold
Vocset=3V
3.6
V
V
OCSET
Rising V
OC SET Th re s h old
1.26
V
Shutdown Input High
Voltage
2.0
V
SD
Shutdown Input Low Voltage
0.8
V
Oscillator
F
OSC
Free Running Frequency
185
200
215
kHz
∆V
OSC
Ramp Am plitude
1.9
V
PW M Controller Reference Voltage
V
DAC
DAC Voltage Accuracy
-1.5
+1.5
%
MEM 0-1 Input High Voltage
2.0
MEM 0-1 Input Low Voltage
0.8
V
Source-Sink Linear Controller
V
SOURCE
Source Regulation Voltage
-10mV 0.495VIN +10mV
V
SINK
Sink Regulation Voltage
-10mV 0.505VIN +10mV
V
I
Source
Source Drive Current
0.8
I
SINK
Sink Drive Current
0.8
mA
PW M Controllers Gate Drivers
VCC=5V,VBOOT=9.5V,
VUGATE=6V
1
I
UGATE
UGATE Source
VCC=12V,VBOOT=9.5V,
VUGATE=6V
1
A
VCC=5V,VUGATE=1V
3
R
GATE
UGATE Sink
VCC=12V, VUGATE=6V
3
3.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com