Electronic Components Datasheet Search
  English  ▼

X  

APW7055 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7055
Description  Advanced PWM and Linear Power Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7055 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7055 Datasheet HTML 1Page - Anpec Electronics Coropration APW7055 Datasheet HTML 2Page - Anpec Electronics Coropration APW7055 Datasheet HTML 3Page - Anpec Electronics Coropration APW7055 Datasheet HTML 4Page - Anpec Electronics Coropration APW7055 Datasheet HTML 5Page - Anpec Electronics Coropration APW7055 Datasheet HTML 6Page - Anpec Electronics Coropration APW7055 Datasheet HTML 7Page - Anpec Electronics Coropration APW7055 Datasheet HTML 8Page - Anpec Electronics Coropration APW7055 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright
 ANPEC Electronics Corp. Rev. A.
Rev.A.1 - Dec., 2001
APW7055
www.anpec.com.tw
4
Functional Pin Description
VCC (Pin 1)
Provide a +5V bias supply for the IC to this pin. This
pin also provides the gate bias charge for the MOS
FETs of the source-sink regulator. The voltage at th
is pin is monitored for Power-On Reset (POR)
purposes.
SS (Pin 2)
This pin provides the soft start for the standard buck
converter and source-sink regulator. Connect a ca-
pacitor from this pin to ground.This capacitor, along
with an internal 28uA current source,sets the soft-start
interval of the converter and preventing the outputs from
overshoot as well as limiting the input current .
SD (Pin 3)
T
he pin shuts down all the outputs. A TTL-compatible,
logic level high signal applied at this pin immediately
discharges the soft-start capacitor,disabling all the
outputs.When IC re-enabled, the IC undergoes a new
soft-start cycle.Left open, this pin is pulled low by an
internal pull-down resistor,enabling operation.
SOURCE (Pin 4)
Connect the pin to the upper MOSFET gate drive of
the source-sink regulator. This pin is used to drive the
1. Recommended operating conditions, Unless otherwise noted.
2. Refer to Block and Simplified Power System Diagrams , and Typical Application Schematic.
APW7055
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Protection
VSEN O.V. trip point (VSEN/VDAC)
VSEN Rising
115
120
VSEN O.V. Hysteresis
2
%
I
OCSET
Ocset Current Source
Vocset=3V
170
200
230
I
SS
Soft start Current
28
uA
upper external MOSFET as a source regulator.
SINK (Pin 5)
Connect the pin to the lower MOSFET gate drive of
the source-sink regulator.This pin is used to drive the
lower external MOSFET as a sink regulator.
FB (Pin 6)
Connect this pin to output of the source-sink regulator.
This pin provide the voltage feedback path for source
and sink regulators. This pin is internally connected
to the negative input of the source controller, and also
connected to the positive input of the sink controller.
VIN (Pin 7)
Connect this pin to a voltage source. Two voltages,
above 0.5VIN, are generated by an internal resistor
divider as the reference voltage of the source and sink
controllers. The internal resistor divider provides an
offset voltage to ensure higher sink regulation voltage
and prevent an direct current path through the upper
and lower MOSFETs, damaging the two MOSFETs.
GND (Pin 8)
Signal ground for the IC. All voltage levels are mea
sured with respect to this pin voltage protection.
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com