Electronic Components Datasheet Search
  English  ▼

X  

APW7066 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7066
Description  Dual Synchronous Buck PWM Controllers and One Linear Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7066 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7066 Datasheet HTML 1Page - Anpec Electronics Coropration APW7066 Datasheet HTML 2Page - Anpec Electronics Coropration APW7066 Datasheet HTML 3Page - Anpec Electronics Coropration APW7066 Datasheet HTML 4Page - Anpec Electronics Coropration APW7066 Datasheet HTML 5Page - Anpec Electronics Coropration APW7066 Datasheet HTML 6Page - Anpec Electronics Coropration APW7066 Datasheet HTML 7Page - Anpec Electronics Coropration APW7066 Datasheet HTML 8Page - Anpec Electronics Coropration APW7066 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2005
APW7066
www.anpec.com.tw
2
General Description (Cont.)
Ordering and Marking Information
Pin Description
1
3
2
4
6
5
7
9
8
10
12
11
FB1
COMP1
REFIN
FB2
COMP2
SS1/EN1
REFOUT
SS3/EN3
SS2/EN2
DRIVE3
VREF
FB3
24
22
23
21
19
20
18
16
17
15
13
14
VCC
BOOT1
LGATE1
VCC12
UGATE1
PGND
LGATE2
BOOT2
UGATE2
PGOOD
GND
FS/SYNC
TSSOP-24
TOP VIEW
GND
BOTTOM
SIDE
PAD
APW7066
Handling Code
Temp. Range
Package Code
Package Code
R : TSSOP-P *
QA : QFN-32
Operating Ambient Temp. Range
C : 0 to 70 C
Handling Code
TU : Tube
TR : Tape & Reel
TY : Tray (for QFN only)
Lead Free Code
L : Lead Free Device
Blank : Original Device
°
A PW7066 R :
A PW7066
XXXXX
XXXXX - Date Code
Lead Free Code
A PW7066 QA :
A PW7066
XXXXX
XXXXX - Date Code
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering
operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C
for MSL classification at lead-free peak reflow temperature.
32 LD 5x5 QFN32
Top View
REFIN
NC
REFOUT
SS1/EN1
1
8
16
9
SS3/EN3
DRIVE3
GND
BOTTOM
SIDE PAD
17
24
25
SS2/EN2
PGND_1
VCC12_1
LGATE1
PGND_2
NC
LGATE2
32
VCC12_2
VREF
UGATE1
the external clock. The possible synchronous frequency
is from 150kHz to 800kHz. There is no Rds(on)
sensing or under-voltage sensing on APW7066.
However, it provides a simple short-circuit protection
by monitoring theCOMP1 andCOMP2 for over-voltage.
When any of two pins exceeds their trip point and the
condition persists for 1-2 internal clock cycle (3-6us
at 300kHz), then it will shut down all regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com